Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1067ASU Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 4Page - Analog Devices ADM1067ASU Datasheet HTML 5Page - Analog Devices ADM1067ASU Datasheet HTML 6Page - Analog Devices ADM1067ASU Datasheet HTML 7Page - Analog Devices ADM1067ASU Datasheet HTML 8Page - Analog Devices ADM1067ASU Datasheet HTML 9Page - Analog Devices ADM1067ASU Datasheet HTML 10Page - Analog Devices ADM1067ASU Datasheet HTML 11Page - Analog Devices ADM1067ASU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADM1067
Rev. B | Page 8 of 32
Pin Number
LFCSP1
TQFP
Mnemonic
Description
38
45
MDN
Digital Input. Forces DACs to their highest value, causing the voltage at the feedback node to rise.
This is compensated for by a decrease in the supply output voltage, thus margining down.
39
46
VDDCAP
Device Supply Voltage. Linearly regulated from the highest of the VPn, VH pins to a typical of 4.75 V.
Note that the capacitor must be connected between this pin and GND. A 10 μF capacitor is
recommended for this purpose.
40
47
GND2
Supply Ground.
1 Note that the LFCSP has an exposed pad on the bottom. This pad is a no connect (NC). If possible, this pad should be soldered to the board for improved mechanical stability.
2 In a typical application, all ground pins are connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com