Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1067ASU Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 1 Page - Analog Devices

  ADM1067ASU Datasheet HTML 1Page - Analog Devices ADM1067ASU Datasheet HTML 2Page - Analog Devices ADM1067ASU Datasheet HTML 3Page - Analog Devices ADM1067ASU Datasheet HTML 4Page - Analog Devices ADM1067ASU Datasheet HTML 5Page - Analog Devices ADM1067ASU Datasheet HTML 6Page - Analog Devices ADM1067ASU Datasheet HTML 7Page - Analog Devices ADM1067ASU Datasheet HTML 8Page - Analog Devices ADM1067ASU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Super Sequencer® with
Open-Loop Margining DACs
ADM1067
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Complete supervisory and sequencing solution for up to
10 supplies
10 supply fault detectors enable supervision of supplies to
<0.5% accuracy at all voltages at 25°C
<1.0 % accuracy across all voltages and temperatures
5 selectable input attenuators allow supervision
Supplies up to 14.4 V on VH
Supplies up to 6 V on VPn (VP1 to VP4)
5 dual-function inputs, VXn (VX1 to VX5)
High impedance input to supply fault detector with
thresholds between 0.573 V and 1.375 V
General-purpose logic input
10 programmable output drivers (PDO1 to PDO10)
Open collector with external pull-up
Push/pull output, driven to VDDCAP or VPn
Open collector with weak pull-up to VDDCAP or VPn
Internally charge-pumped high drive for use with external
N-FET (PDO1 to PDO6 only)
Sequencing engine (SE) implements state machine control of
PDO outputs
State changes conditional on input events
Enables complex control of boards
Power-up and power-down sequence control
Fault event handling
Interrupt generation on warnings
Watchdog function can be integrated in SE
Program software control of sequencing through SMBus
Open-loop margining solution for 6 voltage rails
6 voltage output 8-bit DACs (0.300 V to 1.551 V) allow
voltage adjustment via dc-to-dc converter trim/feedback
node
Device powered by the highest of VPn, VH for improved
redundancy
User EEPROM: 256 bytes
Industry-standard 2-wire bus interface (SMBus)
Guaranteed PDO low with VH, VPn = 1.2 V
Available in 2 packages
40-lead, 6 mm × 6 mm LFCSP
48-lead, 7 mm × 7 mm TQFP
For more information about the ADM1067 register map,
refer to the AN-698 Application Note.
FUNCTIONAL BLOCK DIAGRAM
PDO7
PDO8
PDO9
PDO10
GND
VCCP
VX1
VX2
VX3
VX4
VX5
VP1
VP2
VP3
VP4
VH
SFDGND
VDD
ARBITRATOR
VDDCAP
PROGRAMMABLE
RESET
GENERATORS
(SFDs)
DUAL-
FUNCTION
INPUTS
(LOGIC INPUTS
OR
SFDs)
SEQUENCING
ENGINE
CONFIGURABLE
OUTPUT
DRIVERS
(HV CAPABLE
OF DRIVING
GATES OF
N-CHANNEL FET)
CONFIGURABLE
OUTPUT
DRIVERS
(LV CAPABLE
OF DRIVING
LOGIC SIGNALS)
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
SDA SCL A1
A0
SMBus
INTERFACE
EEPROM
ADM1067
REFOUT REFGND
VREF
DAC1
VOUT
DAC
DAC2
VOUT
DAC
DAC3
VOUT
DAC
DAC4
VOUT
DAC
DAC5
VOUT
DAC
DAC6
VOUT
DAC
MDN
MUP
Figure 1.
APPLICATIONS
Central office systems
Servers/routers
Multivoltage system line cards
DSP/FPGA supply sequencing
In-circuit testing of margined supplies
GENERAL DESCRIPTION
The ADM1067 is a configurable supervisory/sequencing device
that offers a single-chip solution for supply monitoring and
sequencing in multiple supply systems. In addition to these
functions, the ADM1067 integrates six 8-bit voltage output
DACs. These circuits can be used to implement an open-loop
margining system, which enables supply adjustment by altering
either the feedback node or reference of a dc-to-dc converter
using the DAC outputs.
(continued on Page 3)


Similar Part No. - ADM1067ASU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
Communications System Supervisory/Sequencing Circuit
ADM1060ARU AD-ADM1060ARU Datasheet
303Kb / 45P
Communications System Supervisory/Sequencing Circuit
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
Communications System Supervisory/Sequencing Circuit
REV. B
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
ADM1062ACP AD-ADM1062ACP Datasheet
1Mb / 32P
Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
More results

Similar Description - ADM1067ASU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
logo
Maxim Integrated Produc...
MAX34462 MAXIM-MAX34462 Datasheet
2Mb / 78P
PMBus 16-Channel Monitor/Sequencer with Differential Inputs and Margining DACs
19-6785; Rev 0; 9/13
logo
Analog Devices
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
1/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com