Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1067ASU Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 5Page - Analog Devices ADM1067ASU Datasheet HTML 6Page - Analog Devices ADM1067ASU Datasheet HTML 7Page - Analog Devices ADM1067ASU Datasheet HTML 8Page - Analog Devices ADM1067ASU Datasheet HTML 9Page - Analog Devices ADM1067ASU Datasheet HTML 10Page - Analog Devices ADM1067ASU Datasheet HTML 11Page - Analog Devices ADM1067ASU Datasheet HTML 12Page - Analog Devices ADM1067ASU Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADM1067
Rev. B | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Voltage on VH Pin
16 V
Voltage on VPn Pins
7 V
Voltage on VXn Pins
−0.3 V to +6.5 V
Voltage on A0, A1 Pins
−0.3 V to +7 V
Voltage on REFOUT Pin
5 V
Voltage on VDDCAP, VCCP Pins
6.5 V
Voltage on DACn Pins
6.5 V
Voltage on PDOn Pins
16 V
Voltage on SDA, SCL Pins
7 V
Voltage on GND, AGND, PDOGND, REFGND Pins
−0.3 V to +0.3 V
Voltage on MUP and MDN Pins
VDDCAP + 0.6 V
Input Current at Any Pin
±5 mA
Package Input Current
±20 mA
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering Vapor Phase, 60 sec
215°C
ESD Rating, All Pins
2000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
Unit
40-Lead LFCSP
25
°C/W
48-Lead TQFP
50
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com