Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1067ASU Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 14Page - Analog Devices ADM1067ASU Datasheet HTML 15Page - Analog Devices ADM1067ASU Datasheet HTML 16Page - Analog Devices ADM1067ASU Datasheet HTML 17Page - Analog Devices ADM1067ASU Datasheet HTML 18Page - Analog Devices ADM1067ASU Datasheet HTML 19Page - Analog Devices ADM1067ASU Datasheet HTML 20Page - Analog Devices ADM1067ASU Datasheet HTML 21Page - Analog Devices ADM1067ASU Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADM1067
Rev. B | Page 18 of 32
DEFAULT OUTPUT CONFIGURATION
All of the internal registers in an unprogrammed ADM1067
device from the factory are set to 0. Because of this, the PDOs are
pulled to GND by a weak (20 kΩ) on-chip pull-down resistor.
All PDOs behave as follows as the input supply to the
ADM1067 ramps up on VPn or VH:
•
Input supply 0 V to 1 V. PDOs high impedance.
•
Input supply 1 V to 2.7 V. PDOs pulled to GND by a weak
(20 kΩ) on-chip pull-down resistor.
•
Supply > 2.7 V. Factory programmed devices continue to
pull all PDOs to GND by a weak (20 kΩ) on-chip pull-down
resistor. Programmed devices download current EEPROM
configuration data and the programmed setup is latched. PDO
then goes to the state demanded by the configuration. This
provides a known condition for the PDOs during power-up.
The internal pull-down can be overdriven with an external pull-
up of suitable value tied from the PDO pin to the required pull-up
voltage. The 20 kΩ resistor must be accounted for in calculating
a suitable value. For example, if PDOn must be pulled up to 3.3 V,
and 5 V is available as an external supply, the pull-up resistor
value is given by
3.3 V = 5 V × 20 kΩ/(RUP + 20 kΩ)
Therefore,
RUP = (100 kΩ − 66 kΩ)/3.3 V = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com