Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1067ASU Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 3Page - Analog Devices ADM1067ASU Datasheet HTML 4Page - Analog Devices ADM1067ASU Datasheet HTML 5Page - Analog Devices ADM1067ASU Datasheet HTML 6Page - Analog Devices ADM1067ASU Datasheet HTML 7Page - Analog Devices ADM1067ASU Datasheet HTML 8Page - Analog Devices ADM1067ASU Datasheet HTML 9Page - Analog Devices ADM1067ASU Datasheet HTML 10Page - Analog Devices ADM1067ASU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADM1067
Rev. B | Page 7 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
ADM1067
TOP VIEW
(Not to Scale)
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
VX1 1
VX2 2
VX3 3
VX4 4
VX5 5
VP1 6
VP2 7
VP3 8
VP4 9
VH 10
PDO1
30
PDO2
29
PDO3
28
PDO4
27
PDO5
26
PDO6
25
PDO7
24
PDO8
23
PDO9
22
PDO10
21
PIN 1
INDICATOR
Figure 3. LFCSP Pin Configuration
NC = NO CONNECT
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
NC 1
VX1 2
VX2 3
VX3 4
VX4 5
VX5 6
VP1 7
VP2 8
VP3 9
VP4 10
VH 11
NC 12
NC
36
PDO1
35
PDO2
34
PDO3
33
PDO4
32
PDO5
31
PDO6
30
PDO7
29
PDO8
28
PDO9
27
PDO10
26
NC
25
ADM1067
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. TQFP Pin Configuration
Table 2. Pin Function Descriptions
Pin Number
LFCSP1
TQFP
Mnemonic
Description
13
1, 12, 13, 16,
24, 25, 36,
37, 48
NC
No Connection.
1 to 5
2 to 6
VX1 to VX5
(VXn)
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V to
1.375 V. Alternatively, these pins can be used as general-purpose digital inputs.
6 to 9
7 to 10
VP1 to VP4
(VPn)
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering the input
attenuation on a potential divider connected to these pins, the output of which connects to a
supply fault detector. These pins allow thresholds from 2.5 V to 6.0 V, 1.25 V to 3.00 V, and 0.573 V
to 1.375 V.
10
11
VH
High Voltage Input to Supply Fault Detectors. Three input ranges can be set by altering the input
attenuation on a potential divider connected to this pin, the output of which connects to a supply
fault detector. This pin allows thresholds from 6.0 V to 14.4 V and 2.5 V to 6.0 V.
11
14
AGND2
Ground Return for Input Attenuators.
12
15
REFGND2
Ground Return for On-Chip Reference Circuits.
14
17
REFOUT
2.048 V Reference Output. Note that the capacitor must be connected between this pin and
REFGND. A 10 μF capacitor is recommended for this purpose.
15 to 20
18 to 23
DAC1 to
DAC6
Voltage Output DACs. These pins default to high impedance at power-up.
21 to 30
26 to 35
PDO10 to
PDO1
Programmable Output Drivers.
31
38
PDOGND2
Ground Return for Output Drivers.
32
39
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between this pin
and GND. A 10 μF capacitor is recommended for this purpose.
33
40
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
34
41
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
35
42
SCL
SMBus Clock Pin. Open-drain output requires external resistive pull-up.
36
43
SDA
SMBus Data I/O Pin. Open-drain output requires external resistive pull-up.
37
44
MUP
Digital Input. Forces DACs to their lowest value, causing the voltage at the feedback node to drop.
This is compensated for by an increase in the supply output voltage, thus margining up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com