Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI721 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 41Page - Renesas Technology Corp TSI721 Datasheet HTML 42Page - Renesas Technology Corp TSI721 Datasheet HTML 43Page - Renesas Technology Corp TSI721 Datasheet HTML 44Page - Renesas Technology Corp TSI721 Datasheet HTML 45Page - Renesas Technology Corp TSI721 Datasheet HTML 46Page - Renesas Technology Corp TSI721 Datasheet HTML 47Page - Renesas Technology Corp TSI721 Datasheet HTML 48Page - Renesas Technology Corp TSI721 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
Tsi721 Datasheet
45
April 4, 2016
Integrated Device Technology
3.7.4.0.1
Level I Receiver Specifications
Level I LP-Serial receiver electrical and timing specifications are stated in the text and tables of this section.
1. Input common mode voltage for AC-coupled or floating load input with min. T_Vdiff.
2. Receiver is required to implement at least one of the specified nominal R_Vtt values, and usually implements only one of
these values. Receiver is only required to meet R_Vrcm parameter values that correspond to R_Vtt values supported.
3. Input common mode voltage for AC-coupled or floating load input with min. T_Vdiff.
4. For floating load, input resistance must be > 1K Ohm.
Table 23: Level I Receiver Electrical Input Specifications
Characteristic
Symbol
Reference
Minimum
Typical
Maximum
Units
Rx baud rate (1.25 Gbps)
R_Baud
-
-
1.250
-
Gbps
Rx baud rate (2.5 Gbps)
-
-
2.500
-
Gbps
Rx baud rate (3.125 Gbps)
-
-
3.125
-
Gbps
Absolute input voltage
R_Vin
Section
9.4.3.4
---
-
Input differential voltage
R_Vdiff
Section
9.4.3.3
200
-
1600
mVppd
Differential resistance
R_Rdin
Section
9.4.3.7
80
100
120
Ohm
Differential input return loss
(100 MHz < f < R_Baud/2)
R_SDD11
Section
9.4.3.7
---
dB
Differential input return loss
(R_Baud/2 < f < R_Baud)
---
-
Common mode input return loss
(625 MHz < f < T_baud)
R_SCC11
Section
9.4.3.7
---
dB
Termination voltage1,2
R_Vtt
R_Vtt
floating4
Not specified
V
Input common mode voltage1,2
R_Vrcm
R_Vtt
floating3,4
-0.05
-
1.85
V
Wander divider
n
-
-
10
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com