Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI721 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 51Page - Renesas Technology Corp TSI721 Datasheet HTML 52Page - Renesas Technology Corp TSI721 Datasheet HTML 53Page - Renesas Technology Corp TSI721 Datasheet HTML 54Page - Renesas Technology Corp TSI721 Datasheet HTML 55Page - Renesas Technology Corp TSI721 Datasheet HTML 56Page - Renesas Technology Corp TSI721 Datasheet HTML 57Page - Renesas Technology Corp TSI721 Datasheet HTML 58Page - Renesas Technology Corp TSI721 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
Tsi721 Datasheet
55
April 4, 2016
Integrated Device Technology
3.7.4.3.5
Level II Medium Run Receiver Specifications
1. DC coupling compliance is optional (Load Type 1). Only receivers that support DC coupling are required to meet this
parameter.
2. Load Type 0 with min T_Vdiff, AC-Coupling or floating load. For floating load, input resistance must be > 1K Ohm.
3. For Load Type 1: T_Vtt and R_Vtt = 1.2V +5% / -8%.
Table 30: Level II MR Receiver Electrical Input Specifications
Characteristic
Symbol
Reference
Minimum
Typical
Maximum
Units
Rx baud rate (5 Gbps)
R_Baud
Section
10.5.2.2.1
5.00
-0.01%
5.00
5.00
+0.01%
Gbps
Absolute input voltage
R_Vin
Section
10.5.2.2.3
---
-
Input differential voltage
R_Vdiff
Section
10.5.2.2.3
-
-
1200
mVppd
Differential resistance
R_Rdin
Section
10.5.2.2.7
80
100
120
Ohm
Bias voltage source impedance
(load type 1)1
R_Zvtt
-
-
-
30
Ohm
Differential input return loss
(100MHz to 0.5*R_Baud)
R_SDD11
Section
10.5.2.2.7
--
-8
dB
Differential input return loss
(0.5*R_Baud to R_Baud)
---
-
Common mode input return loss
(100MHz to 0.5*R_Baud)
R_SCC11
Section
10.5.2.2.7
--
-6
dB
Input common mode voltage1,2
R_Vfcm
Load Type
02
0
-
1800
mV
Load Type
11,3
595
-
R_Vtt - 60
mV
Wander divider
n
Section
8.4.5, 8.4.6
-10-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com