Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI721 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 49Page - Renesas Technology Corp TSI721 Datasheet HTML 50Page - Renesas Technology Corp TSI721 Datasheet HTML 51Page - Renesas Technology Corp TSI721 Datasheet HTML 52Page - Renesas Technology Corp TSI721 Datasheet HTML 53Page - Renesas Technology Corp TSI721 Datasheet HTML 54Page - Renesas Technology Corp TSI721 Datasheet HTML 55Page - Renesas Technology Corp TSI721 Datasheet HTML 56Page - Renesas Technology Corp TSI721 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
Tsi721 Datasheet
53
April 4, 2016
Integrated Device Technology
3.7.4.3.4
Level II Short Run Receiver Specifications
Table 29: Level II Short Run Receiver Electrical Input Specifications
Characteristic
Symbol
Reference
Minimal
Typical
Maximum
Units
Rx baud rate (5 Gbps)
R_Baud
Section
10.3.2.2.1
5.00
-0.01%
5.00
5.00
+0.01%
Gbps
Absolute input voltage
R_Vin
Section
10.3.2.2.3
---
-
Input differential voltage
R_Vdiff
Section
10.3.2.2.3
125
-
750
mVppd
Differential resistance
R_Rdin
Section
10.3.2.2.7
80
100
120
Ohm
Bias voltage source impedance1
(load types 1 to 3)
R_Zvtt
-
-
-
30
Ohm
Differential input return loss
(100 MHz to 0.5*R_Baud)
R_SDD11
Section
10.3.2.2.7
--
-8
dB
Differential input return loss
(0.5*R_Baud to R_Baud)
--
---
-
Common mode input return loss
(100 MHz to 0.5*R_Baud)
R_SCC11
Section
10.3.2.2.7
--
-6
dB
Termination voltage1,2
R_Vtt
R_Vtt
floating4
Not specified
V
R_Vtt =
1.2V
Nominal
1.2 -8%
-
1.2 +5%
R_Vtt =
1.0V
Nominal
1.0 -8%
-
1.0 +5%
R_Vtt =
0.8V
Nominal
0.8 -8%
-
0.8 +5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com