Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI721 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 15Page - Renesas Technology Corp TSI721 Datasheet HTML 16Page - Renesas Technology Corp TSI721 Datasheet HTML 17Page - Renesas Technology Corp TSI721 Datasheet HTML 18Page - Renesas Technology Corp TSI721 Datasheet HTML 19Page - Renesas Technology Corp TSI721 Datasheet HTML 20Page - Renesas Technology Corp TSI721 Datasheet HTML 21Page - Renesas Technology Corp TSI721 Datasheet HTML 22Page - Renesas Technology Corp TSI721 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
Tsi721 Datasheet
19
April 4, 2016
Integrated Device Technology
2.3
Pinlist
For a list-based version of Tsi721’s pin to signal mapping, see the Tsi721 Ballmap and Pinlist.
2.4
PCIe Signals
Table 2: PCIe Signals
Name
Pin Type
Description
PCTP[3:0]
PCTN[3:0]
PCIE_O
Differential transmit data for the PCIe port.
PCRP[3:0]
PCRN[3:0]
PCIE_I
Differential receive data for the PCIe port.
PCCLKP
PCCLKN
DIFF_I
PCIe reference clock input.
When in PCIe common clock mode (CLKMOD pin is high, see the “Clocking”
chapter in the Tsi721 User Manual), PCCLKP/N requires a clock frequency of
100 MHz.
When in PCIe non-common clock mode (CLKMOD pin is low), PCCLKP/N
requires a clock frequency as selected by CLKSEL[1:0], and must have the
same clock frequency as REFCLKP/N.
PCRSTOn
IO
It is an output for normal operation and an input during scan test mode.
As an asynchronous active-low reset output, this pin is low when the following
occurs:
• The PCIe port detects hot reset
• The PCIe port is DL_DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com