Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI721 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 43Page - Renesas Technology Corp TSI721 Datasheet HTML 44Page - Renesas Technology Corp TSI721 Datasheet HTML 45Page - Renesas Technology Corp TSI721 Datasheet HTML 46Page - Renesas Technology Corp TSI721 Datasheet HTML 47Page - Renesas Technology Corp TSI721 Datasheet HTML 48Page - Renesas Technology Corp TSI721 Datasheet HTML 49Page - Renesas Technology Corp TSI721 Datasheet HTML 50Page - Renesas Technology Corp TSI721 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Tsi721 Datasheet
47
April 4, 2016
Integrated Device Technology
3.7.4.0.2
Level I Receiver Eye Diagram
For each baud rate at which the a LP-Serial receiver is specified to operate, the receiver meets the corresponding Bit Error
Ratio specification in Table 25 when the eye pattern of the receiver test signal (exclusive of sinusoidal jitter) falls entirely within
the unshaded portion of the Receiver Input Compliance Mask displayed in Figure 9. The eye pattern of the receiver test signal
is measured at the input pins of the receiving device with the device replaced with a 100 Ohm + 5% differential resistive load.
Figure 9: S-RIO Level I Receiver Input Mask
3.7.4.1
5 Gbps LP-Serial Links
This chapter describes the requirements for Level II RapidIO LP-Serial short and medium electrical interfaces of nominal baud
rates of 5.0. Gbps using NRZ coding (thus, 1 bit per symbol at the electrical level). A compliant device must meet all of the
requirements listed below. The electrical interface is based on a high speed low voltage logic with a nominal differential
impedance of 100 Ohm. Connections are point-to-point balanced differential pair and signaling is unidirectional.
Table 25: Level I Far-End (Rx) Template Intervals
Characteristic
Symbol
Far-End
Value
Units
Eye mask
R_X1
0.275
UI
Eye mask
R_Y1
100
mV
Eye mask
R_Y2
800
mV
High probability jitter
R_HPJ
0.37
UIpp
Total Jitter (Does not include sinusoidal
jitter)
R_TJ
0.55
UIpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com