Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI721 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 23Page - Renesas Technology Corp TSI721 Datasheet HTML 24Page - Renesas Technology Corp TSI721 Datasheet HTML 25Page - Renesas Technology Corp TSI721 Datasheet HTML 26Page - Renesas Technology Corp TSI721 Datasheet HTML 27Page - Renesas Technology Corp TSI721 Datasheet HTML 28Page - Renesas Technology Corp TSI721 Datasheet HTML 29Page - Renesas Technology Corp TSI721 Datasheet HTML 30Page - Renesas Technology Corp TSI721 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
Tsi721 Datasheet
27
April 4, 2016
Integrated Device Technology
3.
Electrical Characteristics
Topics discussed include the following:
• Absolute Maximum Ratings
• Recommended Operating Conditions
• Power Consumption
• Power Supply Sequencing
• DC Operating Characteristics
• Decoupling Recommendation
• AC Timing Specifications
3.1
Absolute Maximum Ratings
Table 11: Absolute Maximum Ratingsa
a. Stresses outside the absolute ratings can cause permanent damage to the device and affect its functional performance. Exposure to absolute
rating conditions for extended periods can affect reliability.
Symbol
Parameter
Minimum
Maximum
Units
VDDIO
3.3/2.5V I/O voltage with respect to VSS
-0.5
3.6
V
VDD
1.0V core voltage with respect to VSS
-0.5
1.10
V
AVDD10
1.0V analog voltage with respect to AVSS
-0.5
1.10
V
AVDD25
2.5V analog voltage with respect to AVSS
-0.5
2.75
V
AVTT
1.5V analog voltage for SerDes transmitter with
respect to AVSS
-0.5
2.75
V
TBIAS
Temperature under bias
-40
125
C
TSTG
Storage temperature
-65
150
C
TJN
Junction temperature
-
125
C
IOUT (for VDDIO =
3.3/2.5V)
DC output current
-
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com