Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 21
Table 5-3. Condition Code Computations (Continued)
Operations
X
N
Z
V
C
Special Definition
ROR
—
∗∗
0
?
C = Dr – 1
ROR (r = 0)
—
∗∗
00
NOTE : The following notations apply to this table only.
—
=
Not affected
Sm
=
Source operand MSB
U
=
Undefined
Dm
=
Destination operand MSB
?
=
See special definition
Rm
=
Result operand MSB
∗
=
General case
R
=
Register tested
X
=
C
n
=
Bit Number
N
=
Rm
r
=
Shift count
Z=
Rm
Λ ... Λ R0
LB
=
Lower bound
Λ=
Boolean AND
UB
=
Upper bound
V
=
Boolean OR
Rm
=
NOT Rm
5.3.3.2 DATA MOVEMENT INSTRUCTIONS. The MOVE instruction is the basic means of
transferring and storing address and data. MOVE instructions transfer byte, word, and
long-word operands from memory to memory, memory to register, register to memory,
and register to register. Address movement instructions (MOVE or MOVEA) transfer word
and long-word operands and ensure that only valid address manipulations are executed.
In addition to the general MOVE instructions, there are several special data movement
instructions—move multiple registers (MOVEM), move peripheral data (MOVEP), move
quick (MOVEQ), exchange registers (EXG), load effective address (LEA), push effective
address (PEA), link stack (LINK), and unlink stack (UNLK). Table 5-4 is a summary of the
data movement operations.
Table 5-4. Data Movement Operations
Instruction
Operand
Syntax
Operand Size
Operation
EXG
Rn, Rn
32
Rn
⇒ Rn
LEA
〈ea〉, An
32
〈ea〉 ⇒ An
LINK
An, #
〈d〉
16, 32
SP – 4
⇒ SP, An ⇒ (SP); SP ⇒ An, SP + d ⇒ SP
MOVE
〈ea〉, 〈ea〉
8, 16, 32
Source
⇒ Destination
MOVEA
〈ea〉, An
16, 32
⇒ 32
Source
⇒ Destination
MOVEM
list,
〈ea〉
〈ea〉, list
16, 32
16, 32
⇒ 32
Listed registers
⇒ Destination
Source
⇒ Listed registers
MOVEP
Dn, (d16, An)
(d 16, An), Dn
16, 32
Dn [31:24]
⇒ (An + d); Dn [23:16] ⇒ (An + d + 2);
Dn [15:8]
⇒ (An + d + 4); Dn [7:0] ⇒ (An + d + 6)
(An + d)
⇒ Dn [31:24]; (An + d + 2) ⇒ Dn [23:16];
(An + d + 4)
⇒ Dn [15:8]; (An + d + 6) ⇒ Dn [7:0]
MOVEQ
#
〈data〉, Dn
8
⇒ 32
Immediate Data
⇒ Destination
PEA
〈ea〉
32
SP – 4
⇒ SP; 〈ea〉 ⇒ SP
UNLK
An
32
An
⇒ SP; (SP) ⇒ An, SP + 4 ⇒ SP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com