Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5100EVAL Datasheet(PDF) 31 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 24Page - Analog Devices AD5100EVAL Datasheet HTML 25Page - Analog Devices AD5100EVAL Datasheet HTML 26Page - Analog Devices AD5100EVAL Datasheet HTML 27Page - Analog Devices AD5100EVAL Datasheet HTML 28Page - Analog Devices AD5100EVAL Datasheet HTML 29Page - Analog Devices AD5100EVAL Datasheet HTML 30Page - Analog Devices AD5100EVAL Datasheet HTML 31Page - Analog Devices AD5100EVAL Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Preliminary Technical Data
AD5100
Rev. PrJ | Page 31 of 32
Psuedo CAN Bus Wake Up Mode
Using the AD5100 as indicated in Figure 30, the microprocessor
can control its own power down sequence using the CAN Bus
wake up signal. The operator must select the last setting ‘Rising
Edge Trigger/CAN wake up mode’ in the V2MON Turn Off
Threshold parameter (The I2C write command is S 01011100 A
00000100 A 00001001 A P).
Now when the rising edge of the CAN Bus wake up signal is
detected by V2MON, the AD5100 is powered up with shutdown
pulls high. The external regulator is turned on to supply power
to the microprocessor. A reset pulse train will be generated at
the reset output if there is no watchdog activity. The pulse
continues until the correct watchdog signal appears at the
AD5100 WDI pin. The shutdown pin remains high as long as
the AD5100 continues to receive the correct watchdog signal.
When the microprocessor finishes its housekeeping tasks or
powers down the software rountine, it stops sending a watchdog
signal. In response, the AD5100 generates a reset. The
shutdown pin will be pulled low 2 seconds after and the
regulator output drops to 0V, which shuts down the
microprocessor. At that point, the AD5100 goes into sleep
mode.
CAN Wake
Up Pulse(s)
AD5100
V
1MON
V
2MON
Battery
SHDN
RESET
SD
VREG
WDI
V
i
V
o
μP
I/O
RS
V
DD
I/O
I/O
SCL
SDA
CAN Wake
Up Pulse(s)
AD5100
V
1MON
V
2MON
Battery
SHDN
RESET
SD
VREG
WDI
V
i
V
o
μP
I/O
RS
V
DD
I/O
I/O
SCL
SDA
Figure 30. CAN Wake Up Mode
RESET
WDI
SHDN
V
2MON
Notes
•6V < V
1MON < 30V
•Select V2MON_OFF = Rising Edge Trigger/CAN wake up mode
SCL
SDA
SDA Write
SCL
RESET
WDI
SHDN
V
2MON
Notes
•6V < V
1MON < 30V
•Select V2MON_OFF = Rising Edge Trigger/CAN wake up mode
SCL
SDA
SDA Write
SCL
Figure 31. CAN Bus operation of circuit shown in Figure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com