Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5100EVAL Datasheet(PDF) 27 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 23Page - Analog Devices AD5100EVAL Datasheet HTML 24Page - Analog Devices AD5100EVAL Datasheet HTML 25Page - Analog Devices AD5100EVAL Datasheet HTML 26Page - Analog Devices AD5100EVAL Datasheet HTML 27Page - Analog Devices AD5100EVAL Datasheet HTML 28Page - Analog Devices AD5100EVAL Datasheet HTML 29Page - Analog Devices AD5100EVAL Datasheet HTML 30Page - Analog Devices AD5100EVAL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Preliminary Technical Data
AD5100
Rev. PrJ | Page 27 of 32
Programming
Sequence
S
0x5C
A
0x01
A
0x8F
A
P
Delay
S
0x5D
Comment
Start
Slave
Addr
ess
+
Write
Ack
Set
V1MON
OV
Thres
hold
Ack
OTP
at
setti
ng
15
Ack
Stop
Wait
for
30ms
Start
Slave
Addr
ess
+
Read
Figure 24. Example of Executing OTP and a Successful Validation
When all default registers have been programmed, the lock bit
should be set. User programmed defaults won’t become active until
the first power cycle after the lock bit is set. Programming the lock
bit is done in exactly the same manner as all other registers.
Temporary Over-Ride of Default Settings (Over-Ride
Function)
As stated previously in the register map section, even with the lock
bit set, it is possible to temporarily over-ride the default values of
any of the permanently programmable registers. To Over-Ride a
permanent setting in a particular register, the following sequence
should be used:
1.
Set bit [3] in register 0x16 (Special Functions 1)
2.
Write the desired temporary data to the register of choice
While the Over-Ride bit is set in register 0x18, the user may over-
ride any registers they wish by simply writing to them with new
data.
To revert an over-ridden register back to its default setting, the
following sequence should be used:
1.
Clear bit [3] in register 0x16
2.
Write a dummy byte to the register of choice
Clearing the Over-Ride bit in register 0x18 does not cause all over-
ridden registers to revert back to their defaults at the same time.
For example, imagine the user had over-ridden registers 0x01, 0x02
& 0x03. If the user now cleared the Over-Ride bit in register 0x16
and wrote a dummy byte to register 0x01, it would revert back to its
default value. However registers 0x02 & 0x03 would still contain
their Over-Ride data. To revert both registers back to their defaults,
the user must write dummy data to each register individually.
Power cycling the AD5100 will also revert all registers back to their
programmed defaults.
Controlling the AD5100
There are two ways to control the AD5100. Users can apply the
AD5100 evaluation software for one time programming the
devices in the factory without ever reprogramming the parts in
the fields. They can also design or make use of the on-board I2C
controllers for programming the AD5100. The later is necessary
for any dynamic or field programming applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com