Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5100EVAL Datasheet(PDF) 12 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 8Page - Analog Devices AD5100EVAL Datasheet HTML 9Page - Analog Devices AD5100EVAL Datasheet HTML 10Page - Analog Devices AD5100EVAL Datasheet HTML 11Page - Analog Devices AD5100EVAL Datasheet HTML 12Page - Analog Devices AD5100EVAL Datasheet HTML 13Page - Analog Devices AD5100EVAL Datasheet HTML 14Page - Analog Devices AD5100EVAL Datasheet HTML 15Page - Analog Devices AD5100EVAL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD5100
Preliminary Technical Data
Rev. PrJ | Page 12 of 32
When the V1MON input drops below the programmed UV
threshold, the comparator will become active immediately,
indicating a UV condition has occurred. Similarly due to
hysteresis, the V1MON input must be brought above the
programmed UV threshold by 1.5% before the comparator
will be in-active, indicating the UV condition has gone away.
Both V1mon comparators are used (in conjunction with hold
and delay timers) to control the SHDN and RESET pins.
V1MON exhibits typical input resistance of 60KΩ that users
should account the loading effect.
The default V1MON OV and UV thresholds are 18.00V and
8.43V respectively. The default V1MON Shutdown Hold time
and Shutdown Delay are 200ms and 1200ms respectively.
User should refer to Tables 5b and 6b if they want to program
different settings.
V
1MON
V
1MON_OV
V
1MON_UV
Hysteresis
Hysteresis
OV
Comparator
Active
OV
Comparator
In-Active
UV
Comparator
Active
UV
Comparator
In-Active
V
1MON
V
1MON_OV
V
1MON_UV
Hysteresis
Hysteresis
OV
Comparator
Active
OV
Comparator
In-Active
UV
Comparator
Active
UV
Comparator
In-Active
Figure 6. V1MON Hysteresis.
V2MON
V2MON is a high-voltage monitoring input that controls the
SHDN and RESET
functions of the external devices. V2MON
monitors inputs from 3V to 30V. It has a 16-level
programmable Turn-on, Turn-off (ON,OFF) hysteresis
threshold with an 8-step 0.05ms-200ms shutdown hold time
and 0.05ms-1200ms shutdown delay.
By default, V2MON is level-sensitive that the ON and OFF
thresholds are both monitored. The ON threshold chosen
must be greater than the OFF threshold. When the shutdown
function is triggered by the input reaching V2MON_OFF
threshold, such fault condition will be temporarily recorded
in the Fault Detection Register. The SHDNWARN output will
transition low for signaling before shutdown occurs. The
occurance of shutdown is depending on how long the
shutdown programmed-delay is set relative to the
SHDNWARN
propagation delay, this feature attempts to allow
the system to finish any critical house keeping tasks before
shuting down the external device. The V2MON, shutdown, and
shutdown warning pins timing diagrams are also shown in
Figure 5. The ranges of ON and OFF Thresholds are shown
in Tables 5a and the programming codes of the selected-
thresholds are found in Table 5b. The defaulted ON threshold
is 7.47V and OFF threshold is 6.95V. Simarily, the ranges of
shutdown hold and delay times are shown in Table 6a and the
programming codes of the selected-timings are found in
Table 6b. The defaulted shutdown hold time is 10ms and
delay time is 100ms.
V2MON_OFF will be ignored if V2MON_OFF > V2MON_ON but V2MON_OFF
cannot be = V2MON_ON.
If the V2MON is selected with Rising Edge Triggered, only the
ON threshold is monitored and the OFF Threshold is
ignored.
The voltage at V1MON provides the power for the AD5100 but
valid signal at V2MON must be present before the internal VREG
starts operation. Details will be explained in the power
section.
The V2MON pin is monitored by 2 comparators, 1 for turn-on,
and 1 for turn-off detection in the level sensitive power-up
mode. Both are designed with 1.5% hysteresis. On the other
hand, the turn-on monitoring comparator is used only if the
rising edge trigger power-up mode is selected.
When the V2MON input goes above the programmed Ton
threshold, the comparator will become active immediately,
indicating an OV condition has occurred. Due to hysteresis,
the V2MON input must be brought below the programmed
threshold by 1.5% before the comparator will be in-active,
indicating the OV condition has gone away, see Figure 7.
When the V2MON input drops below the programmed
threshold, the comparator will become active immediately,
indicating a UV condition has occurred. Similarly due to
hysteresis, the V2MON input must be brought above the
programmed threshold by 1.5% before the comparator will be
in-active, indicating the UV condition has gone away.
V2MON
V
2MON_ON
V
2MON_OFF
Hysteresis
Hysteresis
ON
Comparator
Active
ON
Comparator
In-Active
OFF
Comparator
Active
OFF
Comparator
In-Active
V2MON
V
2MON_ON
V
2MON_OFF
Hysteresis
Hysteresis
ON
Comparator
Active
ON
Comparator
In-Active
OFF
Comparator
Active
OFF
Comparator
In-Active
Figure 7. V2MON Hysteresis.
V2MON exhibits typical input resistance of 60KΩ that users
should account the loading effect.
The default V2MON ON and OFF thresholds are 7.47V and
6.95V respectively. The default V2MON Shutdown Hold time
and Shutdown Delay are 10ms and 100ms respectively. User
should refer to Tables 5b and 6b if they want to program
different settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com