| Electronic Components Datasheet Search |
|
AD5100EVAL Datasheet(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5100EVAL Datasheet(HTML) 24 Page - Analog Devices |
|
24 / 32 page ![]() AD5100 Preliminary Technical Data Rev. PrJ | Page 24 of 32 1 – Software assertion of SHDN Active [3] – 0 - Over-ride of permanent settings Inactive 1 - Over-ride of permanent settings Active [7:4] – Reserved 0x17 R/ W N Special Functions 2 [0] – 0 – Software Power-down of AD5100 Inactive 1 – Software Power-down of AD5100 Active(2) [7:1] – Reserved 0x00 0x18 R/ W N Disable Special Functions (3) [0] – 0 – Allow Over-ride Function 1 – Disable Further Over-ride Function [1] – 0 – Allow OTP Function 1 – Disable OTP Function [2] – 0 – Allow Manufacturer Test-modes 1 – Disable Manufacturer Test-modes [3] – 0 – Allow Software power-down Function 1 - Disable Software power-down Function [4] – 0 – Allow Software assertion of SHDN Function 1 – Disable Software assertion of SHDN Function [7:5] – Reserved 0x00 0x19 R- on ly N Fault Detect & Status Register [3:0] – These 4 level triggered bits indicate the current state of the comparators monitoring the V1MON and V2MON input pins. [0] – A ‘1’ indicates V2MON input < V2MON OFF Threshold [1] – A ‘1’ indicates V2MON input > V2MON ON Threshold [2] – A ‘1’ indicates V1MON input < V1MON UV Threshold [3] – A ‘1’ indicates V1MON input > V1MON OV Threshold [6:4] – These are Fault Detection bits can be decoded to indicate one or more conditions were present when a SHDN event occurred. These bits are edge triggered. 000 – None 001 – V1MON UV only 010 – V1MON OV only 011 – Never Occur 100 – V2MON Below OFF only 101 – V1MON UV AND V2MON Below OFF Both Occur 110 – V1MON OV AND V2MON Below OFF Both Occur 0x00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |