Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5100EVAL Datasheet(PDF) 14 Page - Analog Devices

Part # AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 10Page - Analog Devices AD5100EVAL Datasheet HTML 11Page - Analog Devices AD5100EVAL Datasheet HTML 12Page - Analog Devices AD5100EVAL Datasheet HTML 13Page - Analog Devices AD5100EVAL Datasheet HTML 14Page - Analog Devices AD5100EVAL Datasheet HTML 15Page - Analog Devices AD5100EVAL Datasheet HTML 16Page - Analog Devices AD5100EVAL Datasheet HTML 17Page - Analog Devices AD5100EVAL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD5100
Preliminary Technical Data
Rev. PrJ | Page 14 of 32
V
4MON
t
GLITCH
t
RS_HOLD*
RESET
V
4MON
t
RS_HOLD*
t
RS_DELAY
t
RS_DELAY
•Programmable
Most Applications using V
4OUT require disabling of V4MON triggered reset
V
4OUT
V
4MON
t
GLITCH
t
RS_HOLD*
RESET
V
4MON
t
RS_HOLD*
t
RS_DELAY
t
RS_DELAY
•Programmable
Most Applications using V
4OUT require disabling of V4MON triggered reset
V
4OUT
Figure 10. V4MON ,
RESET , and V4OUT Timing Diagrams
The V4MON pin is monitored by a comparator to detect an
under-voltage condition. It is designed with 6% hysteresis.
When the V4MON input drops below the programmed UV
threshold, the comparator will become active immediately,
indicating a UV condition has occurred. Due to hysteresis,
the V4MON input must be brought above the programmed UV
threshold by 6% before the comparator will be in-active,
indicating the UV condition has gone away, See Figure 11.
The V4MON comparator is used to control the V4OUT pin and
also (in conjunction with a hold timer) to control the RESET
pin.
V4MON exhibits typical input resistance of 50KΩ that users
should account the loading effect.
V
4MON
V
4MON_UV
Hysteresis
UV
Comparator
In-Active
UV
Comparator
In-Active
V
4MON
V
4MON_UV
Hysteresis
UV
Comparator
In-Active
UV
Comparator
In-Active
Figure 11. V4MON Hysteresis.
The default V4MON is Disabled. User should refer to Table 5b if
they want to program a different setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com