Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMC210404MD-V2-R5 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTMC210404MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTMC210404MD-V2-R5 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTMC210404MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PTMC210404MD
2
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
V
DSS
65
V
Gate-Source Voltage
V
GS
–6 to +10
Junction Temperature
T
J
225
°C
Storage Temperature Range
T
STG
–65 to +150
Operating Voltage
V
DD
0 to 32
V
Characteristic
Symbol
Value
Unit
Conditions
Thermal Resistance Stage 1
R
qJC
6.7
°C/W
T
CASE = 70°C, 37 W CW
Thermal Resistance Stage 2
1.4
T
CASE = 70°C, 37 W CW
Stage 1
Symbol
Min.
Typ.
Max.
Unit
Conditions
Drain Leakage Current
I
DSS
—
—
0.1
µA
V
DS = 28 V, VGS = 0 V
—
—
1.0
V
DS = 60 V, VGS = 0 V
Gate Leakage Current
I
GSS
—
—
0.1
V
GS = 1 V, VDS = 0 V
On-State Resistance
R
DS(on)
—
5
—
W
V
GS = 10 V, VDS = 0.1 V
Operating Gate Voltage
V
GS1
—
2.7
—
V
V
DS = 28 V, IDQ1 = 63 mA
Fixture Operating Gate Voltage
—
4.9
—
Stage 2
Symbol
Min.
Typ.
Max.
Unit
Conditions
Drain-source Breakdown Voltage
V
BR(DSS)
64
—
—
V
V
GS = 0 V, IDS = 10 mA
Drain Leakage Current
I
DSS
—
—
0.1
µA
V
DS = 28 V, VGS = 0 V
—
—
1.0
V
DS = 60 V, VGS = 0 V
Gate Leakage Current
I
GSS
—
—
0.1
V
GS = 1 V, VDS = 0 V
On-State Resistance
R
DS(on)
—
1.5
—
W
V
GS = 10 V, VDS = 0.1 V
Operating Gate Voltage
V
GS2
—
2.7
—
V
V
DS = 28 V, IDQ2 = 219 mA
Fixture Operating Gate Voltage
—
4.9
—
Thermal Characteristics
Moisture Sensitivity Level
Level
Test Standard
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com