Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMC210404MD-V2-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTMC210404MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTMC210404MD-V2-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTMC210404MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PTMC210404MD
5
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Load Pull Performance – Pulsed CW signal: V
DD = 28 V, IDQ1 = 63 mA, IDQ2 = 219 mA, class AB, each side
P
1dB
Class AB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
1805
49.8+j2.3
8.8-j6.30
29.8
43.8
23.8
51.2
13.4-j3.7
31.0
42.9
19.4
55.9
1960
49.9-j0.1
8.5-j8.20
29.5
43.8
23.9
50.5
10.9-j2.4
31.0
42.7
18.5
57.0
2170
51.9+j0.2
7.4-j7.60
27.9
43.9
24.3
51.8
7.10-j3.8
29.0
42.9
19.6
56.6
2200
49.3+j1.0
7.7-j7.70
27.6
43.8
23.8
51.5
6.90-j3.7
28.8
42.8
19.0
56.6
C202
R101
C208
R201
C109
C110
R111
C108
C107
C106
C201
C203
C204
C105
C207
C205
C206
R107
R110
R106
C102
C101
C104
C103
C112
C111
R109
R105
R104
R108
R102
R103
U1
U2
PTMC210404MD_03A
GW_V1
1.8 -2.2GHz V1
RO4350, 20 MIL, 2oz
RF_OUT
RF_IN
VG1A
VG2A
VD1A
VG1B
VG2B
VD1B
VD2B
VD2A
C202
R101
C208
R201
C109
C110
R111
C108
C107
C106
C201
C203
C204
C105
C207
C205
C206
R107
R110
R106
C102
C101
C104
C103
C112
C111
R109
R105
R104
R108
R102
R103
U1
U2
PTMC210404MD_03A
GW_V1
1.8 -2.2GHz V1
RO4350, 20 MIL, 2oz
RF_OUT
RF_IN
VG1A
VG2A
VD1A
VG1B
VG2B
VD1B
VD2B
VD2A
C202
R101
C208
R201
C109
C110
R111
C108
C107
C106
C201
C203
C204
C105
C207
C205
C206
R107
R110
R106
C102
C101
C104
C103
C112
C111
R109
R105
R104
R108
R102
R103
U1
U2
PTMC210404MD_03A
GW_V1
1.8 -2.2GHz V1
RO4350, 20 MIL, 2oz
RF_OUT
RF_IN
VG1A
VG2A
VD1A
VG1B
VG2B
VD1B
VD2B
VD2A
Reference circuit assembly diagram (not to scale)
Evaluation Board, 1805 – 2200 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com