Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMC210404MD-V2-R5 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PTMC210404MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTMC210404MD-V2-R5 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PTMC210404MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PTMC210404MD
3
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Ordering Information
Evaluation Boards
Type and Version
Order Code
Package Description
Shipping
PTMC210404MD V2 R5
PTMC210404MD-V2-R5
PG-HB1DSO-14-4, 14-lead, overmold
Tape & Reel, 500 pcs
Order Code
Frequency
Description
LTN/PTMC210404MD-V2
1805 – 2200 MHz
Class AB with combined outputs, R04350, 0.508 mm thick
Typical Performance (data taken in a production test fixture)
Figure 1. Single-carrier WCDMA Drive-up
5
15
25
35
45
55
-65
-55
-45
-35
-25
-15
32
37
42
47
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA,
ƒ = 1990 MHz, 3GPP WCDMA signal,
PAR = 7.50 dB, BW = 3.84 MHz
Efficiency
ACP Up
ACP Low
ptmc210404md-g2
0
5
10
15
20
25
30
10
15
20
25
30
35
40
1800
1900
2000
2100
2200
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA,
POUT = 37dBm, 3GPP WCDMA signal,
PAR = 7.50 dB
Efficiency
Gain
ptmc210404md-g3
5
15
25
35
45
55
-65
-55
-45
-35
-25
-15
32
37
42
47
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA,
ƒ = 1990 MHz, 3GPP WCDMA signal,
PAR = 7.50 dB, BW = 3.84 MHz
Efficiency
ACP Up
ACP Low
ptmc210404md-g2
0
5
10
15
20
25
30
10
15
20
25
30
35
40
1800
1900
2000
2100
2200
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA,
POUT = 37dBm, 3GPP WCDMA signal,
PAR = 7.50 dB
Efficiency
Gain
ptmc210404md-g3
Figure 2. Single-carrier WCDMA Broadband Performance
Find Gerber files for these reference fixtures on the Wolfspeed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com