Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMC210404MD-V2-R5 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTMC210404MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTMC210404MD-V2-R5 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTMC210404MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PTMC210404MD
4
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 3. Single-carrier WCDMA Broadband Performance
Figure 5. Small Signal CW Gain & Input Return Loss
-50
-40
-30
-20
-10
-55
-50
-45
-40
-35
1800
1900
2000
2100
2200
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA,
POUT = 37dBm, 3GPP WCDMA signal,
PAR = 7.50 dB
Input Return Loss
ACP
ptmc210404md-g4
-40
-30
-20
-10
0
20
25
30
35
1800
1900
2000
2100
2200
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA
Input Return Loss
Gain
ptmc210404md-g7
0
15
30
45
60
0
10
20
30
40
32
37
42
47
Output Power (dBm)
CW Performance
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA
Efficiency
Gain
1990MHz
1960MHz
1930MHz
ptmc210404md-g5
-50
-40
-30
-20
-10
-55
-50
-45
-40
-35
1800
1900
2000
2100
2200
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA,
POUT = 37dBm, 3GPP WCDMA signal,
PAR = 7.50 dB
Input Return Loss
ACP
ptmc210404md-g4
-40
-30
-20
-10
0
20
25
30
35
1800
1900
2000
2100
2200
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA
Input Return Loss
Gain
ptmc210404md-g7
0
15
30
45
60
0
10
20
30
40
32
37
42
47
Output Power (dBm)
CW Performance
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA
Efficiency
Gain
1990MHz
1960MHz
1930MHz
ptmc210404md-g5
Figure 4. CW Performance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com