Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMC210404MD-V2-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTMC210404MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTMC210404MD-V2-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTMC210404MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Types: PG-HB1DSO-14-4 (formed leads)
Wideband LDMOS Two-stage Integrated Power Amplifier
2 x 20 W, 28 V, 1805 – 2200 MHz
Description
The PTMC210204MD is a wideband, two-stage LDMOS integrated amplifier
intended for wideband driver applications. It has internal matching for
operation from 1805 to 2200 MHz. It features on-chip matching high
efficiency, and dual independent outputs with 20 W of output power each.
It is available in a 14-lead plastic overmold package with gull wing leads.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed test fixture)
V
DD = 28 V, IDQ1(A+B) = 63 mA, IDQ2(A+B) = 219 mA, POUT = 5 W avg, ƒ = 1990 MHz, 3GPP WCDMA signal, channel bandwidth = 3.84
MHz, peak/average = 7.5 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Linear Gain
G
ps
29
30
—
dB
Power Added Efficiency
PAE
17.5
18.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–49.5
-47.5
dBc
Output PAR @ 0.01% CCDF
OPAR
7.0
7.2
—
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Features
• On-chip matching for broadband operation
• Typical pulsed CW performance, 1990 MHz, 28 V,
combined outputs
- Output power at P1dB = 37 W
- Linear Gain = 31.5 dB
- Efficiency = 53.1%
• Capable of handling 10:1 VSWR @28 V, 37 W (CW)
output power
• Integrated ESD protection
• Human Body Model Class 1B (per ANSI/ESDA/JEDEC
JS-001)
• Integrated temperature compensation
• Pb-free and RoHS compliant
PTMC210404MD
0
15
30
45
60
0
10
20
30
40
32
37
42
47
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ1 = 124mA, IDQ2 = 438 mA,
ƒ = 1990 MHz 3GPP WCDMA signal,
PAR = 7.50 dB, 3.84 MHz BW
PAR @ 0.01%
CCDF
Gain
Efficiency
ptmc210404md-g1


Similar Part No. - PTMC210404MD-V2-R5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTMC210404MD CREE-PTMC210404MD Datasheet
531Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 ??2200 MHz
More results

Similar Description - PTMC210404MD-V2-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
PTMC210204MD INFINEON-PTMC210204MD Datasheet
219Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifi er 20 W, 28 V, 1805 ??2200 MHz
Rev. 03, 2016-06-14
logo
Cree, Inc
PTGA090304MD CREE-PTGA090304MD Datasheet
506Kb / 7P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 ??960 MHz
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
PTMC210124MD CREE-PTMC210124MD Datasheet
593Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
PTMC210204MD CREE-PTMC210204MD Datasheet
1Mb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
PTMC210404MD CREE-PTMC210404MD Datasheet
531Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 ??2200 MHz
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
logo
WOLFSPEED, INC.
PTGA090304MD WOLFSPEED-PTGA090304MD Datasheet
1Mb / 12P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
Rev. 04.2, 2022-1-27
PTNC210604MD WOLFSPEED-PTNC210604MD Datasheet
748Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz
Rev. 03.5, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com