Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMC210404MD-V2-R5 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTMC210404MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTMC210404MD-V2-R5 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  PTMC210404MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTMC210404MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PTMC210404MD
6
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C103, C105, C107,
C109, C111, C203, C207 Capacitor, 4.7 µF
Murata Electronics North America
GRM32ER71H475KA88L
C102, C104, C106, C108,
C110, C112, C202, C206 Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C201, C204, C205, C208 Capacitor, 10 pF
ATC
ATC800A100JT250T
R101, R103
Resistor, 0.0 ohms
Panasonic Electronic Components
ERJ-3GEY0R00V
R102, R201
Resistor, 50 ohms
Anaren
C8A50Z4A
R104, R105, R106, R107 Resistor, 1K ohms
Panasonic Electronic Components
ERJ-8GEYJ102V
R108, R109, R110, R111 Resistor, 4.3K ohms
Panasonic Electronic Components
ERJ-8GEYJ432V
U1, U2
Hybrid Coupler
Anaren
X3C21P1-03S
VD2/RFOUT B
VD1 A
VG2 A
VG1 A
RFIN A
N/C
N/C
N/C
N/C
RFIN B
VG1 B
VG2 B
VD1B
VD2/RFOUT A
1
2
3
4
5
6
7
8
9
10
11
12
14
13
p t m c 2102 04m d _P D _5- 2- 2016
Pinout Diagram
Evaluation Board, 1805 – 2200 MHz (cont.)
Evaluation Board Part No.
LTN/PTMC210404MD-V2
PCB Information
Rogers 4350B, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 1805 – 2200 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Source: plated copper heat slug on backside of package
RF(IN) A
RF(IN) B
VD2/RF
OUT A
VD2/RF
OUT B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com