Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2440IGN Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 17Page - Linear Technology LTC2440IGN Datasheet HTML 18Page - Linear Technology LTC2440IGN Datasheet HTML 19Page - Linear Technology LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology LTC2440IGN Datasheet HTML 22Page - Linear Technology LTC2440IGN Datasheet HTML 23Page - Linear Technology LTC2440IGN Datasheet HTML 24Page - Linear Technology LTC2440IGN Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2440
21
sn2440, 2440fas
APPLICATIO S I FOR ATIO
The sample rate fS and NULL fN, my also be adjusted by
driving the FO pin with an external oscillator. The sample
rate is fS = fEOSC/5, where fEOSC is the frequency of the
clock applied to FO. Combining a large OSR with a reduced
sample rate leads to notch frequencies fN near DC while
maintaining simple antialiasing requirements. A 100kHz
clock applied to FO results in a NULL at 0.6Hz plus all
harmonics up to 20kHz, see Figure 14. This is useful in
applications requiring digitalization of the DC component
of a noisy input signal and eliminates the need of placing
a 0.6Hz filter in front of the ADC.
An external oscillator operating from 100kHz to 20MHz
can be implemented using the LTC1799 (resistor set
SOT-23 oscillator), see Figure 22. By floating pin 4 (DIV)
of the LTC1799, the output oscillator frequency is:
fMHz
k
R
OSC
SET
=
⎝⎜
⎠⎟
10
10
10
The normal mode rejection characteristic shown in Fig-
ure 14 is achieved by applying the output of the LTC1799
(with RSET = 100k) to the FO pin on the LTC2440 with SDI
tied HIGH (OSR = 32768).
Reduced Power Operation
In addition to adjusting the speed/resolution of the
LTC2440, the speed/resolution/power dissipation may
also be adjusted using the automatic sleep mode. During
the conversion cycle, the LTC2440 draws 8mA supply
current independent of the programmed speed. Once the
conversion cycle is completed, the device automatically
enters a low power sleep state drawing 8
µA. The device
remains in this state as long as CS is HIGH and data is not
shifted out. By adjusting the duration of the sleep state
(hold CS HIGH longer) and the duration of the conversion
cycle (programming OSR) the DC power dissipation can
be reduced, see Figure 16.
For example, if the OSR is programmed at the fastest rate
(OSR = 64, tCONV = 0.285ms) and the sleep state is 10ms,
the effective output rate is approximately 100Hz while the
average supply current is reduced to 240
µA. By further
extending the sleep state to 100ms, the effective output
rate of 10Hz draws on average 30
µA. Noise, power, and
speed can be optimized by adjusting the OSR (Noise/
Speed) and sleep mode duration (Power).
Figure 14. LTC2440 Normal Mode Rejection
(External Oscillator at 90kHz)
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0
–40
–20
0
8
2440 F14
–60
–80
246
10
–100
–120
–140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com