Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2440IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 2Page - Linear Technology LTC2440IGN Datasheet HTML 3Page - Linear Technology LTC2440IGN Datasheet HTML 4Page - Linear Technology LTC2440IGN Datasheet HTML 5Page - Linear Technology LTC2440IGN Datasheet HTML 6Page - Linear Technology LTC2440IGN Datasheet HTML 7Page - Linear Technology LTC2440IGN Datasheet HTML 8Page - Linear Technology LTC2440IGN Datasheet HTML 9Page - Linear Technology LTC2440IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2440
6
sn2440, 2440fas
TYPICAL PERFOR A CE CHARACTERISTICS
Integral Nonlinearity
vs Conversion Rate
Integral Nonlinearity vs VINCM
VIN (V)
–2.5
0
5
1.5
2440 G10
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
CONVERSION RATE (Hz)
0
0
2.5
5.0
7.5
10.0
500
1000 1500 2000
2440 G11
2500 3000 3500
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
–2.5V
≤ VIN ≤ 2.5V
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–1.25
0
5
0.75
2440 G12
–5
–10
–0.75
–0.25
1.25
10
0.25
VCC = 5V
VREF = 2.5V
VREF
+ = 2.5V
VREF
= GND
OSR = 32768
FO = GND
TA = 25°C
VINCM = 1.25V
VINCM = 3.75V
VINCM = 2.5V
Integral Nonlinearity
vs Temperature
VIN (V)
–1.25
0
5
0.75
2440 G13
–5
–10
–0.75
–0.25
1.25
10
0.25
VCC = 5V
VREF = 2.5V
VREF
+ = 2.5V
VREF
= GND
VINCM = 1.25V
OSR = 32768
FO = GND
TA = 25°C
TA = –55°C
TA = 125°C
Integral Nonlinearity
vs Temperature
VIN (V)
–2.5
0
5
1.5
2440 G14
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
OSR = 32768
FO = GND
TA = –25°C
TA = 125°C
TA = 25°C
–Full-Scale Error vs VREF
VREF (V)
0
0
10
4
2440 G15
–10
–20
1
2
3
5
20
+Full-Scale Error vs VREF
VREF (V)
0
0
10
4
2440 G16
–10
–20
1
2
3
5
20
–Full-Scale Error vs VCC
VCC (V)
4.5
6
8
10
5.3
2440 G17
4
2
5
7
9
3
1
0
4.7
4.9
5.1
5.5
VREF = 2.5V
VREF
+ = 2.5V
VREF
= GND
VINCM = 1.25V
OSR = 32768
FO = GND
TA = 25°C
+Full-Scale Error vs VCC
VCC (V)
4.5
–4
–2
0
5.3
2440 G18
–6
–8
–5
–3
–1
–7
–9
–10
4.7
4.9
5.1
5.5
VREF = 2.5V
VREF
+ = 2.5V
VREF
= GND
VINCM = 1.25V
OSR = 32768
FO = GND
TA = 25°C
Integral Nonlinearity fOUT = 6.875Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com