Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2440IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC2440IGN Datasheet HTML 1Page - Linear Technology LTC2440IGN Datasheet HTML 2Page - Linear Technology LTC2440IGN Datasheet HTML 3Page - Linear Technology LTC2440IGN Datasheet HTML 4Page - Linear Technology LTC2440IGN Datasheet HTML 5Page - Linear Technology LTC2440IGN Datasheet HTML 6Page - Linear Technology LTC2440IGN Datasheet HTML 7Page - Linear Technology LTC2440IGN Datasheet HTML 8Page - Linear Technology LTC2440IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2440
4
sn2440, 2440fas
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
4.5
5.5
V
ICC
Supply Current
Conversion Mode
CS = 0V (Note 7)
811
mA
Sleep Mode
CS = VCC (Note 7)
830
µA
The
denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)
POWER REQUIRE E TS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
0.1
20
MHz
tHEO
External Oscillator High Period
25
10000
ns
tLEO
External Oscillator Low Period
25
10000
ns
tCONV
Conversion Time
OSR = 256 (SDI = 0)
0.99
1.13
1.33
ms
OSR = 32768 (SDI = 1)
126
145
170
ms
External Oscillator (Note 10, 13)
40 • OSR + 170
fEOSC(kHz)
ms
fISCK
Internal SCK Frequency
Internal Oscillator (Note 9)
0.8
0.9
1
MHz
External Oscillator (Notes 9, 10)
fEOSC/10
Hz
DISCK
Internal SCK Duty Cycle
(Note 9)
45
55
%
fESCK
External SCK Frequency Range
(Note 8)
20
MHz
tLESCK
External SCK Low Period
(Note 8)
25
ns
tHESCK
External SCK High Period
(Note 8)
25
ns
tDOUT_ISCK
Internal SCK 32-Bit Data Output Time
Internal Oscillator (Notes 9, 11)
41.6
35.3
30.9
µs
External Oscillator (Notes 9, 10)
320/fEOSC
s
tDOUT_ESCK
External SCK 32-Bit Data Output Time
(Note 8)
32/fESCK
s
t1
CS
↓ to SDO Low Z
(Note 12)
025
ns
t2
CS
↑ to SDO High Z
(Note 12)
025
ns
t3
CS
↓ to SCK ↓
(Note 9)
5
µs
t4
CS
↓ to SCK ↑
(Notes 8, 12)
25
ns
tKQMAX
SCK
↓ to SDO Valid
25
ns
tKQMIN
SDO Hold After SCK
(Note 5)
15
ns
t5
SCK Set-Up Before CS
50
ns
t7
SDI Setup Before SCK
10
Note 5
ns
t8
SDI Hold After SCK
10
Note 5
ns
The
denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
TI I G CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 4.5 to 5.5V unless otherwise specified.
VREF = REF
+ – REF, VREFCM = (REF+ + REF)/2;
VIN = IN+ – IN, VINCM = (IN+ + IN)/2.
Note 4: FO pin tied to GND or to external conversion clock source with
fEOSC = 10MHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: The converter uses the internal oscillator.
Note 8: The converter is in external SCK mode of operation such that the
SCK pin is used as a digital input. The frequency of the clock signal driving
SCK during the data output is fESCK and is expressed in Hz.
Note 9: The converter is in internal SCK mode of operation such that the
SCK pin is used as a digital output. In this mode of operation, the SCK pin
has a total equivalent load capacitance of CLOAD = 20pF.
Note 10: The external oscillator is connected to the FO pin. The external
oscillator frequency, fEOSC, is expressed in kHz.
Note 11: The converter uses the internal oscillator. FO = 0V.
Note 12: Guaranteed by design and test correlation.
Note 13: There is an internal reset that adds an additional 1
µs (typical) to
the conversion time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com