Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2440IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2440IGN Datasheet HTML 18Page - Linear Technology LTC2440IGN Datasheet HTML 19Page - Linear Technology LTC2440IGN Datasheet HTML 20Page - Linear Technology LTC2440IGN Datasheet HTML 21Page - Linear Technology LTC2440IGN Datasheet HTML 22Page - Linear Technology LTC2440IGN Datasheet HTML 23Page - Linear Technology LTC2440IGN Datasheet HTML 24Page - Linear Technology LTC2440IGN Datasheet HTML 25Page - Linear Technology LTC2440IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC2440
22
sn2440, 2440fas
SLEEP
CONVERT
SLEEP
CONVERT
SLEEP
8
µA
2440 F15
8mA
8
µA
8mA
8
µA
DATA
OUT
DATA
OUT
CONVERTER
STATE
SUPPLY
CURRENT
CS
Figure 15. Reduced Power Timing Mode
APPLICATIO S I FOR ATIO
LTC2440 Input Structure
Modern delta sigma converters have switched capacitor
front ends that repeatedly sample the input voltage over
some time period. The sampling process produces a small
current pulse at the input and reference terminals as the
capacitors are charged. The LTC2440 switches the input
and reference to a 5pF sample capacitor at a frequency
of 1.8MHz. A simplified equivalent circuit is shown in
Figure 16.
The average input and reference currents can be ex-
pressed in terms of the equivalent input resistance of the
sample capacitor, where:
Req = 1/(fSW • Ceq)
When using the internal oscillator, fSW is 1.8MHz and the
equivalent resistance is approximately 110k
Ω.
Driving the Input and Reference
Because of the small current pulses, excessive lead length
at the analog or reference input may allow reflections or
ringing to occur, affecting the conversion accuracy. The
key to preserving the accuracy of the LTC2440 is complete
settling of these sampling glitches at both the input and
reference terminals. There are several recommended
methods of doing this.
VREF+
VIN+
VCC
RSW (TYP)
500
ILEAK
ILEAK
VCC
ILEAK
ILEAK
VCC
RSW (TYP)
500
CEQ
5pF
(TYP)
(CEQ = 3.5pF SAMPLE CAP + PARASITICS)
RSW (TYP)
500
ILEAK
IIN+
VIN
IIN
IREF+
IREF
2440 F16
ILEAK
VCC
ILEAK
ILEAK
SWITCHING FREQUENCY
fSW = 1.8MHz INTERNAL OSCILLATOR
fSW = fEOSC/5 EXTERNAL OSCILLATOR
VREF
RSW (TYP)
500
Figure 16. LTC2440 Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com