Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2440IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC2440IGN Datasheet HTML 1Page - Linear Technology LTC2440IGN Datasheet HTML 2Page - Linear Technology LTC2440IGN Datasheet HTML 3Page - Linear Technology LTC2440IGN Datasheet HTML 4Page - Linear Technology LTC2440IGN Datasheet HTML 5Page - Linear Technology LTC2440IGN Datasheet HTML 6Page - Linear Technology LTC2440IGN Datasheet HTML 7Page - Linear Technology LTC2440IGN Datasheet HTML 8Page - Linear Technology LTC2440IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2440
5
sn2440, 2440fas
TYPICAL PERFOR A CE CHARACTERISTICS
Integral Nonlinearity fOUT = 3.5kHz
VIN (V)
–2.5
0
5
1.5
2440 G01
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–2.5
0
5
1.5
2440 G02
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–2.5
0
5
1.5
2440 G03
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–2.5
0
5
1.5
2440 G04
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–2.5
0
5
1.5
2440 G05
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–2.5
0
5
1.5
2440 G06
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–2.5
0
5
1.5
2440 G07
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–2.5
0
5
1.5
2440 G08
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN (V)
–2.5
0
5
1.5
2440 G09
–5
–10
–1.5
–0.5 0
2.5
10
0.5
–2
–1
2
1
VCC = 5V
VREF = 5V
VREF
+ = 5V
VREF
= GND
VINCM = 2.5V
FO = GND
TA = 25°C
Integral Nonlinearity fOUT = 1.76kHz
Integral Nonlinearity fOUT = 880Hz
Integral Nonlinearity fOUT = 440Hz
Integral Nonlinearity fOUT = 220Hz
Integral Nonlinearity fOUT = 110Hz
Integral Nonlinearity fOUT = 55Hz
Integral Nonlinearity fOUT = 27.5Hz
Integral Nonlinearity fOUT = 13.75Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com