Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2440IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2440IGN
Description  24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC2440IGN Datasheet HTML 1Page - Linear Technology LTC2440IGN Datasheet HTML 2Page - Linear Technology LTC2440IGN Datasheet HTML 3Page - Linear Technology LTC2440IGN Datasheet HTML 4Page - Linear Technology LTC2440IGN Datasheet HTML 5Page - Linear Technology LTC2440IGN Datasheet HTML 6Page - Linear Technology LTC2440IGN Datasheet HTML 7Page - Linear Technology LTC2440IGN Datasheet HTML 8Page - Linear Technology LTC2440IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2440
3
sn2440, 2440fas
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
GND – 0.3V
VCC + 0.3V
V
IN
Absolute/Common Mode INVoltage
GND – 0.3V
VCC + 0.3V
V
VIN
Input Differential Voltage Range
–VREF/2
VREF/2
V
(IN+ – IN)
REF+
Absolute/Common Mode REF+ Voltage
0.1
VCC
V
REF
Absolute/Common Mode REFVoltage
GND
VCC – 0.1V
V
VREF
Reference Differential Voltage Range
0.1
VCC
V
(REF+ – REF)
CS(IN+)
IN+ Sampling Capacitance
3.5
pF
CS(IN–)
INSampling Capacitance
3.5
pF
CS(REF+)
REF+ Sampling Capacitance
3.5
pF
CS(REF–)
REFSampling Capacitance
3.5
pF
IDC_LEAK(IN+, IN–,
Leakage Current, Inputs and Reference
CS = VCC, IN
+ = GND, IN= GND,
–100
10
100
nA
REF+, REF–)
REF+ = 5V, REF= GND
ISAMPLE(IN+, IN–,
Average Input/Reference Current
Varies, See Applications Section
REF+, REF–)
During Sampling
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE
The
denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
4.5V
≤ VCC ≤ 5.5V
2.5
V
CS, FO
VIL
Low Level Input Voltage
4.5V
≤ VCC ≤ 5.5V
0.8
V
CS, FO
VIH
High Level Input Voltage
4.5V
≤ VCC ≤ 5.5V (Note 8)
2.5
V
SCK
VIL
Low Level Input Voltage
4.5V
≤ VCC ≤ 5.5V (Note 8)
0.8
V
SCK
IIN
Digital Input Current
0V
≤ VIN ≤ VCC
–10
10
µA
CS, FO
IIN
Digital Input Current
0V
≤ VIN ≤ VCC (Note 8)
–10
10
µA
SCK
CIN
Digital Input Capacitance
10
pF
CS, FO
CIN
Digital Input Capacitance
(Note 8)
10
pF
SCK
VOH
High Level Output Voltage
IO = –800µA
VCC – 0.5V
V
SDO, BUSY
VOL
Low Level Output Voltage
IO = 1.6mA
0.4V
V
SDO, BUSY
VOH
High Level Output Voltage
IO = –800µA (Note 9)
VCC – 0.5V
V
SCK
VOL
Low Level Output Voltage
IO = 1.6mA (Note 9)
0.4V
V
SCK
IOZ
Hi-Z Output Leakage
–10
10
µA
SDO
DIGITAL I PUTS A D DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com