Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 135 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 135 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 136Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 137Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 138Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 139Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 590 page
background image
Chapter 7 External Bus Controller
7-25
Bits
Mnemonic
Field Name
Description
26:24
PCM
PCMCIA 16-bit
PC Card Mode
PCMCIA 16-bit PC Card Mode (Initial value: 000(ch0-6)/001(ch7), R/W)
Specifies the PCMCIA mode.
000 : PCMCIA Disabled for Channel.
001 : PCMCIA Common Memory Access Enabled for Channel.
010 : PCMCIA IO Access Enabled for Channel.
011 : PCMCIA Attribute Memory Access Enabled for Channel.
100, 101, 110, 111: Reserved
23
PCS
PCMCIA Slot
Selection
PCMCIA Slot Selection (Initial value: 0, R/W)
This bit select PCMCIA slot.
0 : Channel PCMCIA access is for Slot1.
1 : Channel PCMCIA access is for Slot2.
22
Reserved
Note: This bit is always set “1” (Initial value: 1(ch0,7)/0(ch1-6), R/W).
The value of Boot signal ADDR[2] is set in the default value for bit 22 of Channel 0
and Channel 7. However, Boot signal ADDR[2] must be “1”. If the default value for bit
22 of Cannel 0 and Channel 7 is “0”, please confirm that Boot signal ADDR[2] is not
“0”.
21:20
BSZ
Bus Width
External Bus Control Bus Size (Initial value: A[13:12](ch0,7)/00(ch1~6), R/W)
Specifies the memory bus width.
00: Reserved
10: 16-bit width
01: 32-bit width
11: 8-bit width
Note: ADDR[13:12] is set to Channel 0 and 7 as the default.
19:18
PM
Page Mode
Page Size
External Bus Control Page Mode Page Size (Initial value: 00, R/W)
Specifies the Page mode (Page mode memory support) use and page size.
00: Normal mode
01: 4-page mode
10: 8-page mode
11: 16-page mode
17:16
PWT
Page Mode Wait
time
External Bus Control Page Mode Wait Time (Initial value: 11(ch0,7)/00(ch1-6), R/W)
Specifies the wait cycle count during Burst access when in the Page mode.
00: 0 wait cycles
10: 2 wait cycles
01: 1 wait cycle
11: 3 wait cycles
Specifies a wait cycle count from 0 to 63 that matches WT when in the Normal mode
or Ready mode. (See the WT item.)
15:12
WT
Normal Mode
Wait Time
External Bus Control Normal Mode Wait Time
(Initial value: 1111(ch0,7)/0000(ch1~6), R/W)
Specifies the wait cycle count in the first cycle of a Single Cycle or Burst access.
Specifies the following wait cycle count when in the Page mode.
0000: 0 wait cycles 0100: 4 wait cycles 1000: 8 wait cycles
1100: 12 wait cycles
0001: 1 wait cycle
0101: 5 wait cycles 1001: 9 wait cycles
1101: 13 wait cycles
0010: 2 wait cycles 0110: 6 wait cycles 1010: 10 wait cycles
1110: 14 wait cycles
0011: 3 wait cycles 0111: 7 wait cycles 1011: 11 wait cycles
1111: 15 wait cycles
Specifies a wait cycle count from 0 to 63 that matches PWT when in a mode other
than the Page mode.
PWT[1:0]: WT[3:0]
000000: 0 wait cycles
010000: 16 wait cycles
110000: 48 wait cycles
000001: 1 wait cycle
010001: 17 wait cycles
110001: 49 wait cycles
:
:
:
001110: 14 wait cycles
011110: 30 wait cycles
111110: 62 wait cycles
001111: 15 wait cycles
011111: 31 wait cycles
111111: 63 wait cycles
Note 1: Set the WT wait cycle count to a value greater than the PWT Wait cycle count
when in the Page mode.
Figure 7.4.1 External Bus Channel Control Register (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com