Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP030 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BSP030
Description  N-channel enhancement mode field-effect transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP030 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BSP030 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
BSP030
N-channel enhancement mode field-effect transistor
Product specification
Rev. 04 — 26 July 2000
2 of 13
9397 750 07268
© Philips Electronics N.V. 2000. All rights reserved.
5.
Quick reference data
6.
Limiting values
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to150 °C
−
30
V
ID
drain current (DC)
Tsp =25 °C; VGS = 4.5 V
−
10
A
Ptot
total power dissipation
Tsp =25 °C
−
8.3
W
Tj
junction temperature
−
150
°C
RDSon
drain-source on-state resistance
VGS = 10 V; ID = 5 A
2030m
Ω
VGS = 4.5 V; ID = 2.5 A
3050m
Ω
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to150 °C
−
30
V
VDGR
drain-gate voltage (DC)
Tj =25to150 °C; RGS =20kΩ−
30
V
VGS
gate-source voltage (DC)
−±20
V
ID
drain current (DC)
Tsp =25 °C; VGS = 4.5 V;
Figure 2 and 3
−
10
A
Tsp = 100 °C; VGS = 4.5 V; Figure 2
−
6.3
A
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
−
40
A
Ptot
total power dissipation
Tsp =25 °C; Figure 1
−
8.3
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−65
+150
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tsp =25 °C
−
9A
ISM
peak source (diode forward) current
Tsp =25 °C; pulsed; tp ≤ 10 µs
−
40
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com