Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP030 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BSP030
Description  N-channel enhancement mode field-effect transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP030 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BSP030 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
BSP030
N-channel enhancement mode field-effect transistor
Product specification
Rev. 04 — 26 July 2000
6 of 13
9397 750 07268
© Philips Electronics N.V. 2000. All rights reserved.
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS = 1.25 A; VGS =0V;
Figure 13
−
0.73
1.0
V
trr
reverse recovery time
IS = 1.25 A;
dIS/dt = −100 A/µs;
VGS =0V; VDS =25V
−
120
−
ns
Qr
recovered charge
−
150
−
nC
Table 5:
Characteristics…continued
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj =25 °CTj =25 °C and 150 °C; VDS > ID × RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03ac25
0
2
4
6
8
10
12
14
16
18
20
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
VDS (V)
ID
(A)
2.8 V
Tj =25
oC
VGS =5V
3V
10 V
3.2 V
2.6 V
3.4 V
03ac27
0
2
4
6
8
10
12
14
16
18
20
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
VGS (V)
ID
(A)
VDS >ID XRDSon
Tj =25oC
150oC
03ac26
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
2
4
6
8
10 12 14 16 18 20
ID (A)
RDSon
(Ω)
VGS = 10V
Tj =25oC
5V
3.4 V
3.2 V
2.8V 3V
03aa27
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-60
-20
20
60
100
140
180
T
j
(
o
C)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com