Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150ANDE Datasheet(PDF) 37 Page - Pericom Semiconductor Corporation

Part # PI7C8150ANDE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE Datasheet(HTML) 37 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 41Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 37 of 111
APRIL 2006 – Revision 1.1
Target disconnect
Target abort
PI7C8150A handles these terminations in different ways, depending on the type of
transaction being performed.
3.8.3.1
DELAYED WRITE TARGET TERMINATION RESPONSE
When PI7C8150A initiates a delayed write transaction, the type of target termination
received from the target can be passed back to the initiator. Table 3-7 shows the response
to each type of target termination that occurs during a delayed write transaction.
PI7C8150A repeats a delayed write transaction until one of the following conditions is met:
PI7C8150A completes at least one data transfer.
PI7C8150A receives a master abort.
PI7C8150A receives a target abort.
PI7C8150A makes 2
24 (default) or 232 (maximum) write attempts resulting in a response of
target retry.
Table 3-7. Delayed Write Target Termination Response
Target Termination
Response
Normal
Returning disconnect to initiator with first data transfer only if multiple data
phases requested.
Target Retry
Returning target retry to initiator. Continue write attempts to target
Target Disconnect
Returning disconnect to initiator with first data transfer only if multiple data
phases requested.
Target Abort
Returning target abort to initiator. Set received target abort bit in target interface
status register. Set signaled target abort bit in initiator interface status register.
After the PI7C8150A makes 2
24 (default) attempts of the same delayed write trans-action
on the target bus, PI7C8150A asserts P_SERR_L if the SERR_L enable bit (bit 8 of
command register for the secondary bus) is set and the delayed-write-non-delivery bit is
not set. The delayed-write-non-delivery bit is bit 5 of P_SERR_L event disable register
(offset 64h). PI7C8150A will report system error. See Section 6.4 for a description of
system error conditions.
3.8.3.2
POSTED WRITE TARGET TERMINATION RESPONSE
When PI7C8150A initiates a posted write transaction, the target termination cannot
be passed back to the initiator. Table 3-8 shows the response to each type of target
termination that occurs during a posted write transaction.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com