| Electronic Components Datasheet Search |
|
PI7C8150ANDE Datasheet(PDF) 94 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150ANDE Datasheet(HTML) 94 Page - Pericom Semiconductor Corporation |
|
94 / 111 page ![]() PI7C8150A 2-PORT PCI-TO-PCI BRIDGE Page 94 of 111 APRIL 2006 – Revision 1.1 Bit Function Type Description 4 Secondary MEMW Command Alias Enable R/W Controls PI7C8150A’s detection mechanism for matching non-posted memory write retry cycles from the initiator on the primary interface 0: exact matching for non-posted memory write retry cycles from initiator on the secondary interface 1: alias MEMWI to MEMW for non-posted memory write retry cycles from initiator on the secondary interface Reset to 0 5:6 Reserved R/O Reserved. Returns 0 when read. Reset to 0. 7 Primary MEMWI Command Alias Enable R/W Controls PI7C8150A’s detection mechanism for matching non-posted memory write and invalidate cycles from the initiator on the primary interface 0: When accepting MEMWI command at the primary interface, PI7C8150A converts MEMWI to MEMW command on the secondary interface 1: Disconnects MEMWI command at aligned cache line boundaries 8 Secondary MEMWI Command Alias Enable R/W Controls PI7C8150A’s detection mechanism for matching non-posted memory write and invalidate cycles from the initiator on the secondary interface 0: When accepting MEMWI command at the secondary interface, PI7C8150A converts MEMWI to MEMW command on the primary interface 1: Disconnects MEMWI command at aligned cache line boundaries 9 Enable Long Request R/W Controls PI7C8150A’s ability to enable long requests for lock cycles 0: normal lock operation 1: enable long request for lock cycle Reset to 0 10 Enable Secondary To Hold Request Longer R/W Controls PI7C8150A’s ability to enable the secondary bus to hold requests longer. 0: internal secondary master will release REQ_L after FRAME_L assertion 1: internal secondary master will hold REQ_L until there is no transactions pending in FIFO or until terminated by target Reset to 1 11 Enable Primary To Hold Request Longer R/W Controls PI7C8150A’s ability to hold requests longer at the Primary Port. 0: internal Primary master will release REQ_L after FRAME_L assertion 1: internal Primary master will hold REQ_L until there is no transactions pending in FIFO or until terminated by target Reset to 1 15:12 Reserved R/O Reserved. Returns 0 when read. Reset to 0. 06-0057 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |