Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150ANDE Datasheet(PDF) 16 Page - Pericom Semiconductor Corporation

Part # PI7C8150ANDE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE Datasheet(HTML) 16 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 20Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 16 of 111
APRIL 2006 – Revision 1.1
Name
Pin #
Pin #
Type
Description
S_CLKOUT[9:0]
42, 41, 39, 38, 36,
35, 33, 32, 30, 29
M3, M2, N1,
L4, L3, M1, L2,
L1, K3, K2
O
Secondary Clock Output: Provides secondary clocks
phase synchronous with the P_CLK in synchronous
mode.
When these clocks are used, one of the clock outputs
must be fed back to S_CLKIN. Unused outputs may be
disabled by:
1. Writing the secondary clock disable bits in the
configuration space
2. Using the serial disable mask using the GPIO pins and
MSK_IN
3. Terminating them electrically.
2.2.4
MISCELLANEOUS SIGNALS
Name
Pin #
Pin #
Type
Description
MSK_IN
126
K15
I
MSK_IN - Secondary Clock Disable Serial Input
(synchronous mode): This pin is used by PI7C8150A to
disable secondary clock outputs. The serial stream is
received by MSK_IN, starting when P_RESET is
detected deasserted and S_RESET_L is detected as
being asserted. The serial data is used for selectively
disabling secondary clock outputs and is shifted into the
secondary clock control configuration register. This pin
can be tied LOW to enable all secondary clock outputs
or tied HIGH to drive all the secondary clock outputs
HIGH.
P_VIO
124
K14
I
Primary I/O Voltage: This pin is used to determine
either 3.3V or 5V signaling on the primary bus. P_VIO
must be tied to 3.3V only when all devices on the
primary bus use 3.3V signaling. Otherwise, P_VIO is
tied to 5V.
S_VIO
135
G14
I
Secondary I/O Voltage: This pin is used to determine
either 3.3V or 5V signaling on the secondary bus.
S_VIO must be tied to 3.3V only when all devices on
the secondary bus use 3.3V signaling. Otherwise, S_VIO
is tied to 5V.
BPCCE
44
N2
I
Bus/Power Clock Control Management Pin: When
this pin is tied HIGH and the PI7C8150A is placed in
the D3HOT power state, it enables the PI7C8150A to
place the secondary bus in the B2 power state. The
secondary clocks are disabled and driven to 0. When this
pin is tied LOW, there is no effect on the secondary bus
clocks when the PI7C8150A enters the D3HOT power
state.
CFG66 /
SCAN_EN_H
125
K16
I
This is a multiplexed pin that has 2 functions.
CFG66 - 66MHz Configuration: This pin is used to
designate 66MHz operation. Tie HIGH to enable
66MHz operation or tie LOW to designate 33MHz
operation.
SCAN_EN_H - Full-Scan Enable Control
(synchronous mode): When SCAN_EN_H is LOW,
full-scan is in shift operation. When SCAN_EN_H is
HIGH, full-scan is in parallel operation. Note: Valid only
in test mode. Pin is CFG66 in normal operation.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com