Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6708GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD6708GS Datasheet HTML 1Page - Renesas Technology Corp UPD6708GS Datasheet HTML 2Page - Renesas Technology Corp UPD6708GS Datasheet HTML 3Page - Renesas Technology Corp UPD6708GS Datasheet HTML 4Page - Renesas Technology Corp UPD6708GS Datasheet HTML 5Page - Renesas Technology Corp UPD6708GS Datasheet HTML 6Page - Renesas Technology Corp UPD6708GS Datasheet HTML 7Page - Renesas Technology Corp UPD6708GS Datasheet HTML 8Page - Renesas Technology Corp UPD6708GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
©
MOS INTEGRATED CIRCUIT
µPD6708
IEBus
™ (Inter Equipment Bus™) PROTOCOL CONTROL LSI
Document No. U10680EJ2V0DS00 (2nd edition)
(Previous No. IC-3282)
Date Published January 1996 P
Printed in Japan
DATA SHEET
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
DESCRIPTION
The
µPD6708 is a peripheral LSI for microcontrollers that controls the protocol of the IEBus.
This LSI processes the protocol of the IEBus. Because it is provided with a transmit/receive buffer, the microcontroller
can concentrate on the application processing of the IEBus. Because the
µPD6708 also contains an IEBus driver/receiver,
it can be directly connected to the bus.
FEATURES
• Protocol control of IEBus
• Multi-master system
• Broadcast communication function (commu-
nication between one unit and multiple units)
• Choice of three modes with different trans-
mission speeds
At 12 MHz
At 12.58 MHz
Mode 0
Approx. 3.9 Kbps
Approx. 4.1 Kbps
Mode 1
Approx. 17 Kbps
Approx. 18 Kbps
Mode 2
Approx. 26 Kbps
Approx. 27 Kbps
ORDERING INFORMATION
Part Number
Package
µPD6708CX
16-pin plastic DIP (300 mil)
µPD6708GS
16-pin plastic SOP (300 mil)
• On-chip IEBus driver/receiver
• Transmit/receive buffer
Transmit: 4-byte FIFO
Receive: 20-byte FIFO
• Interface with microcontroller
• Three-line serial I/O (SCK, SO, SI pins)
• Transfer with MSB first
• Oscillation frequency (fX): 12 MHz, 12.58 MHz
• In modes 0 and 1:
±1.5 %
• In mode 2:
±0.5 %
• Supply voltage: VDD = 5 V ±10 %
APPLICATION FIELD
Fields where a small-scale digital data transfer system is required between equipment, such as automobile electronic
systems and industrial equipment
1993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com