| Electronic Components Datasheet Search |
|
UPD6708GS Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6708GS Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 74 page ![]() 47 µPD6708 Table 7-4. Placing Receive Data in RDB Parameter/ Areas where RDB is read Time ( µs) Note Communication Data Mode 0 Mode 1 Mode 2 Master address When ACK bit is received in message length field 0 0 0 Control bits Message length bits Receive data (first byte) When first ACK bit is received in data field Approx. 1580 Approx. 400 Approx. 290 Receive data (second byte) When second ACK bit is received in data field Approx. 3160 Approx. 800 Approx. 580 Receive data (N-th byte) When N-th ACK bit is received in data field Approx. 1580 × N Approx. 400 × N Approx. 290 × N Note Minimum time after the “slave reception start” return code is placed in STR and an interrupt request is generated. 7.5 Broadcast Reception (1) When a broadcast reception unit receives the message length field, the master address, control bits and message length bits are placed in RDB as shown in Figure 7-6, a “broadcast reception start” return code (CH) is placed in STR, and an interrupt request is generated. Figure 7-6. Data Exchange During Broadcast Reception (Contents of RDB) (2) Each time one byte of receive data is received, it is placed in RDB. (3) Each time 20 bytes (RDB capacity) of receive data are received, if RDB is full, a “slave receive buffer full” return code (DH) is placed in STR, and an interrupt request is generated. (4) After the final data of one frame is placed in RDB, a “broadcast reception normal termination” return code (EH) is placed in STR and an interrupt request is generated. (5) If a communication error occurs during reception and communication stops without receiving all of the data transmitted from the master unit, a “termination during broadcast reception” return code (FH) is placed in STR and an interrupt request is generated. The areas where the µPD6708 places receive data, etc., in RDB are the same as those shown in Table 7-4. Master Address (12 Bits) First Byte Second Byte Third Byte Fourth Byte Onward RDB Message Length Bits Control Bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |