Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6708GS Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 36Page - Renesas Technology Corp UPD6708GS Datasheet HTML 37Page - Renesas Technology Corp UPD6708GS Datasheet HTML 38Page - Renesas Technology Corp UPD6708GS Datasheet HTML 39Page - Renesas Technology Corp UPD6708GS Datasheet HTML 40Page - Renesas Technology Corp UPD6708GS Datasheet HTML 41Page - Renesas Technology Corp UPD6708GS Datasheet HTML 42Page - Renesas Technology Corp UPD6708GS Datasheet HTML 43Page - Renesas Technology Corp UPD6708GS Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
38
µPD6708
6.
RETURN CODES
The
µPD6708 sets the communication status as a return code in lower 4 bits of the status register (STR) and requests
an interrupt (IRQ output). As a result of the interrupt request from the
µPD6708, the host controller can ascertain the
communication result by reading the return code in the status read mode.
6.1
Return Codes in Master/Slave Data Transmission
Table 6-1 shows the return codes placed in the status register when a unit has executed the MREQ1 or MREQ2 command
and becomes the master unit (including broadcast communication), and when the SETSD command is executed and the
slave unit transmits data.
Table 6-1. Return Codes in Master/Slave Transmission
Return Code Name
Code
Description
Transmission start
0000
Indicates that master/slave transmission will start. The point of generation differs
between master transmission and slave transmission.
<1> Master transmission
Set when the master address field ends and the unit wins as the master
unit.
<2> Slave transmission
Set when control bits (3H, 7H) which request data transmission are
received from the master unit.
Transmission normal termination
0010
Indicates that transmission of the number of data bytes specified by the message
length bits has ended within one frame.
Termination during transmission
0011
Indicates that the communication has ended without completion of transmission
of the number of data bytes specified by the message length bits within one frame.
In master transmission, termination during transmission is not flagged if the unit
loses once in arbitration, and transmission is attempted up to three times.
6.2
Return Codes in Master Reception
Table 6-2 shows the return codes placed in STR when a unit has executed the MREQ1 or MREQ2 command and becomes
the master unit, and receives data, a status or lock address from a slave unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com