Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6708GS Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 14Page - Renesas Technology Corp UPD6708GS Datasheet HTML 15Page - Renesas Technology Corp UPD6708GS Datasheet HTML 16Page - Renesas Technology Corp UPD6708GS Datasheet HTML 17Page - Renesas Technology Corp UPD6708GS Datasheet HTML 18Page - Renesas Technology Corp UPD6708GS Datasheet HTML 19Page - Renesas Technology Corp UPD6708GS Datasheet HTML 20Page - Renesas Technology Corp UPD6708GS Datasheet HTML 21Page - Renesas Technology Corp UPD6708GS Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
16
µPD6708
2.4
Transfer Data (Contents of Data Field)
The contents of the data field are data specified by the control bits.
Table 2-3. Functions of Control Bits
Bit 3 Note 1
Bit 2
Bit 1
Bit 0
Function Note 2
0H
0
0
0
0
Reads slave status (SSR)
1H
0
0
0
1
Undefined
2H
0
0
1
0
Undefined
3H
0
0
1
1
Reads and locks data
4H
0
1
0
0
Reads lock address (lower 8 bits)
5H
0
1
0
1
Reads lock address (higher 4 bits)
6H
0
1
1
0
Reads and unlocks slave status (SSR)
7H
0
1
1
1
Reads data
8H
1
0
0
0
Undefined
9H
1
0
0
1
Undefined
AH
1
0
1
0
Writes and locks command
BH
1
0
1
1
Writes and locks data
CH
1
1
0
0
Undefined
DH
1
1
0
1
Undefined
EH
1
1
1
0
Writes command
FH
1
1
1
1
Writes data
Notes 1.
Depending on the value of bit 3 (MSB), the transfer direction of the message length bits of the subsequent
message field and data field differs.
When bit 3 is “1”, data are transferred from the master unit to the slave unit.
When bit 3 is “1”, data are transferred from the slave unit to the master unit.
2.
3H, 6H, AH, and BH are control bits that specify locking or unlocking.
If any of undefined values 1H, 2H, 8H, 9H, CH, or DH is transmitted, no acknowledge bit is returned.
A unit locked by the master unit rejects acknowledging the control bits and does not output the acknowledge bit if the
control bits received from the master unit which requested locking is in any other state than that shown in Table 2-4.
Table 2-4. Control Field Corresponding to Locked Slave Unit
Bit 3
Bit 2
Bit 1
Bit 0
Function
0H
0
0
0
0
Reads slave status
4H
0
1
0
0
Reads lock address (lower 8 bits)
5H
0
1
0
1
Reads lock address (higher 4 bits)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com