Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6708GS Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 66Page - Renesas Technology Corp UPD6708GS Datasheet HTML 67Page - Renesas Technology Corp UPD6708GS Datasheet HTML 68Page - Renesas Technology Corp UPD6708GS Datasheet HTML 69Page - Renesas Technology Corp UPD6708GS Datasheet HTML 70Page - Renesas Technology Corp UPD6708GS Datasheet HTML 71Page - Renesas Technology Corp UPD6708GS Datasheet HTML 72Page - Renesas Technology Corp UPD6708GS Datasheet HTML 73Page - Renesas Technology Corp UPD6708GS Datasheet HTML 74Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
69
µPD6708
11. RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the conditions recommended in the table below.
For details of recommended soldering conditions, refer to the information document Semiconductor Device Mounting
Technology Manual (IEI-1207).
For soldering methods and conditions other than those recommended, please contact NEC representative.
Table 11-1. Surface Mount Type Soldering Conditions
µPD6708GS : 16-pin plastic SOP (300 mil)
Caution Use of more than one soldering method should be avoided (except for partial heating).
Table 11-2. Hole-Through Type Soldering Conditions
µPD6708CX : 16-pin plastic DIP (300mil)
Soldering Method
Soldering Conditions
Wave soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less
(pin only)
Partial heating
Pin temperature: 300
°C or below, Flow time: 3 seconds or less (per pin)
Caution Wave soldering is used on the pin only, and care must be taken to prevent solder from coming into direct
contact with the package body.
5
Soldering Method
Soldering Conditions
Symbol
Infrared ray reflow
Package peak temperature: 230
°C, Reflow time: 30 seconds or less (at 210 °C or
IR30-00-1
higher), Number of reflow processes: 1
VPS reflow
Package peak temperature: 215
°C, Reflow time: 40 seconds or less (at 200 °C or
VP15-00-1
higher), Number of reflow processes: 1
Partial heating
Pin temperature: 300
°C or below, Flow time: 3 seconds or less (per side of device)
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com