Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6708GS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 28Page - Renesas Technology Corp UPD6708GS Datasheet HTML 29Page - Renesas Technology Corp UPD6708GS Datasheet HTML 30Page - Renesas Technology Corp UPD6708GS Datasheet HTML 31Page - Renesas Technology Corp UPD6708GS Datasheet HTML 32Page - Renesas Technology Corp UPD6708GS Datasheet HTML 33Page - Renesas Technology Corp UPD6708GS Datasheet HTML 34Page - Renesas Technology Corp UPD6708GS Datasheet HTML 35Page - Renesas Technology Corp UPD6708GS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
30
µPD6708
5.
COMMUNICATION CONTROL COMMANDS
The operation conditions of the
µPD6708 can be controlled by giving it a command from the host controller.
After a communication using the appropriate procedure (see 8.3.2 “Communication control command processing
routine”), it is executed in a period in which communication is not being performed (standby state).
5.1
Overview of Communication Control Commands
Table 5-1. Overview of Communication Control Commands
Command Name
Description
INIT
(Initialize)
Sets local address and initializes.
SETSA
(Set slave address)
Sets the unit to communicate with.
MREQ1
(Master request 1)
Communicates as a master unit.
MREQ2
(Master request 2)
Continues in previous condition as the master unit and communicates.
ABORT
(Abort)
Aborts communications.
SETSD
(Set slave data)
Sets data for slave transmission.
GETSTA (Get status)
Reads communication status.
SETREV (Set receive)
Sets reception disabled state/enabled state.
(1)
Write command
The command codes and command parameters for the write commands are shown in Table 5-2.
Table 5-2. Command Codes and Command Parameters of Write Commands
Note
Only set when transmitting.
Caution Note that even if the host controller makes a mistake in setting the number of command parameter bytes,
an error message will not be returned by the
µPD6708, and command processing will be performed as
though it were a correctly set command.
Command Code
Command Parameters (WDB)
Command Name
(Lower 4 Bits of
CMR)
First Byte
Second Byte
Third Byte
Fourth Byte
INIT
0000
SETSA
0001
MREQ1
0010
MREQ2
0011
ABORT
0100
SETSD
0101
SETREV
0111
Control bits
Broad-
cast bits
Unit address
Condition
setting
code
Slave address
0000
Number of master
Master transmit
Master transmit
transmit data bytes Note
data (first byte) Note
data (second byte) Note
Number of slave
Slave transmit
Slave transmit
Slave transmit
transmit data bytes
data (first byte)
data (second byte)
data (third byte)
Reception status
code
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com