Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72012 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 25Page - Renesas Technology Corp UPD72012 Datasheet HTML 26Page - Renesas Technology Corp UPD72012 Datasheet HTML 27Page - Renesas Technology Corp UPD72012 Datasheet HTML 28Page - Renesas Technology Corp UPD72012 Datasheet HTML 29Page - Renesas Technology Corp UPD72012 Datasheet HTML 30Page - Renesas Technology Corp UPD72012 Datasheet HTML 31Page - Renesas Technology Corp UPD72012 Datasheet HTML 32Page - Renesas Technology Corp UPD72012 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Data Sheet S13918EJ3V0DS
27
µPD72012
(4) Device event timing
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Time from internal power becoming
effective until device pulls D+/D–
above VIHZ (MIN.) (signal attach)
tSIGATT
100
ms
Time for USB system software to
perform debounce after attach
tATTDB
100
ms
Time for which bus is continuously in
idling state, maximum time device
draws more power than suspend
power
t2SUSP
10
ms
Maximum value of average suspend
time
tSUSAVGI
1s
Period to drive upstream on resume
tDRSMUP
115
ms
Resume restore period
tRSMRCY
Supplied by USB system
software
10
ms
Time to detect reset from upstream
tDETRST
Same as tURLSE0
2.5
10000
µs
Reset restore time
tRSTRCY
10
ms
Inter-packet delay
tIPD
2
Bit time
Inter-packet delay of device
responses using detachable cable
tPDRSP1
6.5
Bit time
Inter-packet delay of device
responses using captive cable
tPDRSP2
7.5
Bit time
SetAddress() completion time
tDSETADDR
50
ms
Time to complete standard request
without data stage
tDRQCMPLTND
50
ms
Time to deliver first and subsequent
data (excluding last) for standard
request
tDRETDATA1
500
ms
Time to deliver last data for standard
request
tDRETDATAN
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com