Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72012 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 30Page - Renesas Technology Corp UPD72012 Datasheet HTML 31Page - Renesas Technology Corp UPD72012 Datasheet HTML 32Page - Renesas Technology Corp UPD72012 Datasheet HTML 33Page - Renesas Technology Corp UPD72012 Datasheet HTML 34Page - Renesas Technology Corp UPD72012 Datasheet HTML 35Page - Renesas Technology Corp UPD72012 Datasheet HTML 36Page - Renesas Technology Corp UPD72012 Datasheet HTML 37Page - Renesas Technology Corp UPD72012 Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
34
Data Sheet S13918EJ3V0DS
µPD72012
5. RECOMMENDED SOLDERING CONDITIONS
The
µPD72012 should be soldered and mounted under the following recommended conditions. For the details of
the recommended soldering conditions, refer to the document Semiconductor Device Mounting Technology
Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales
representative.
Surface mount type soldering conditions
µµµµPD72012GB-XXX-3B4: 44-pin plastic QFP (10 ×××× 10)
Soldering Method
Soldering Conditions
Recommended
Condition Code
Infrared reflow
Peak package temperature: 235
°C, Time: 30 sec. max. (210°C min.), Count: three
times or less
IR35-00-3
VPS
Peak package temperature: 215
°C, Time: 40 sec. max. (200°C min.), Count: three
times or less
VP15-00-3
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 sec. max., Count: once,
Preheating temperature: 120
°C max. (package surface temperature)
WS60-00-1
Pin partial heating
Pin temperature: 300
°C max., Time: 3 sec. max. (per device side)
–
Caution
Avoid using different soldering methods together. (However, the pin partial heating method is
excluded.)
Through-hole type soldering conditions
µµµµPD72012CU-XXX: 42-pin plastic SDIP (15.24 mm (600))
Soldering Method
Soldering Conditions
Wave soldering (pins
only)
Solder bath temperature: 260
°C max., Time: 10 sec. max.
Pin partial heating
Pin temperature: 300
°C max., Time: 3 sec. max. (per pin)
Caution
Apply wave soldering only to the pins, and exercise care that solder does not directly contact
the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com