Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72012 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 12Page - Renesas Technology Corp UPD72012 Datasheet HTML 13Page - Renesas Technology Corp UPD72012 Datasheet HTML 14Page - Renesas Technology Corp UPD72012 Datasheet HTML 15Page - Renesas Technology Corp UPD72012 Datasheet HTML 16Page - Renesas Technology Corp UPD72012 Datasheet HTML 17Page - Renesas Technology Corp UPD72012 Datasheet HTML 18Page - Renesas Technology Corp UPD72012 Datasheet HTML 19Page - Renesas Technology Corp UPD72012 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
14
Data Sheet S13918EJ3V0DS
µPD72012
2.2 Standard Configuration Descriptor
(1/2)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
0
bLength
1
Shows the size in bytes of the standard
configuration descriptor.
0x09
0x09
0x09
1
bDescriptorType
1
Shows that this is a standard configuration
descriptor.
0x02
0x02
0x02
2
wTotalLength
2
Shows the total length of descriptors returned on a
host Get_Descriptor (Configuration) request
(standard configuration, standard interface, each
standard endpoint, and HUB class descriptors).
0x0019
0x0019
0x0019
4
bNumInteface
1
Shows the number of interfaces that can be set in
this configuration.
Its value is fixed at “0x01” for the
µPD72012.
0x01
0x01
0x01
5
bConfigurationValue
1
Specifying this value in a Set_Configuration request
from the host sets this configuration in the
µPD72012.
0x01
0x01
0x01
6
iConfiguration
1
Shows the index of the string descriptor for a
comment about the configuration of a product using
the HUB.
Since not used for a standard ROM code product
(003, 004), its value is “0x00”.
When using this for a Mask ROM code product, set it
to “0x04”.
0x00
0x00
0x00
or
0x04
7
bmAttributes
1
Uses a bitmap to show the power supply attributes
of this configuration of the
µPD72012.
Caution Since the information “Self-power” in
the status returned on a Get_Status
request from the host reflects the level
input to the PSSEL pin, be sure that
there are no inconsistencies.
“0xE0”: Corresponds to both “bus power” and “self-
power” modes and shows that “Remote Wakeup” is
supported. A standard ROM code product has this
setting.
Use this setting when using in “self-power” mode
only or when switching between “bus power” and
“self-power” by performing a PSSEL pin function.
“0xA0”: Corresponds to “bus power” mode only and
shows that “Remote Wakeup” is supported.
Make this setting when using in “bus power” mode
only.
0xE0
0xE0
0xE0
or
0xA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com