Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72012 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD72012 Datasheet HTML 1Page - Renesas Technology Corp UPD72012 Datasheet HTML 2Page - Renesas Technology Corp UPD72012 Datasheet HTML 3Page - Renesas Technology Corp UPD72012 Datasheet HTML 4Page - Renesas Technology Corp UPD72012 Datasheet HTML 5Page - Renesas Technology Corp UPD72012 Datasheet HTML 6Page - Renesas Technology Corp UPD72012 Datasheet HTML 7Page - Renesas Technology Corp UPD72012 Datasheet HTML 8Page - Renesas Technology Corp UPD72012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD72012
Document No. S13918EJ3V0DS00 (3rd edition)
Date Published April 2001 NS CP(K)
Printed in Japan
The
µPD72012 is a dedicated LSI for a HUB connected to a universal serial bus (USB) system.
It is an upgrade of NEC’s
µPD72011. It complies with USB specification revision 1.1.
By putting descriptors into ROM, information such as a user’s vendor ID can be implemented in the chip.
FEATURES
Compliant with Chapter 11 (HUB Specifications) of USB Specification 1.1.
Descriptors into ROM
• The user can customize the vendor ID and product ID by using Mask ROM option.
Supports 5 kinds of string descriptors (for Mask ROM code product only)
On-chip sequencer
• There is an on-chip descriptor and request response sequencer. External initial setup and control is not needed
and HUB functions can be realized using only the
µPD72012.
Downstream ports
• Four or five ports can be selected using a pin function.
Power modes
• Bus power or self-power can be selected using a pin function (an external power control circuit is required).
Corresponds to standard descriptor products
• Two kinds of standard ROM code products are provided. Standard and HUB class descriptors are on-chip in
the
µPD72012.
ROM code: 003 (individual overcurrent monitoring type Generic HUB)
ROM code: 004 (collective overcurrent monitoring type Generic HUB)
Supports two kinds of clock input
• 48 MHz oscillator input or a 4 MHz crystal resonator can be supported
Power control
• Port power control and overcurrent detection functions are on-chip. Individual port control or collective control
can be selected for these.
ORDERING INFORMATION
Part No.
Package
µPD72012CU-XXX
42-pin plastic SDIP (15.24 mm (600))
µPD72012GB-XXX-3B4
44-pin plastic QFP (10
× 10)
1999
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark
shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com