Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72012 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 13Page - Renesas Technology Corp UPD72012 Datasheet HTML 14Page - Renesas Technology Corp UPD72012 Datasheet HTML 15Page - Renesas Technology Corp UPD72012 Datasheet HTML 16Page - Renesas Technology Corp UPD72012 Datasheet HTML 17Page - Renesas Technology Corp UPD72012 Datasheet HTML 18Page - Renesas Technology Corp UPD72012 Datasheet HTML 19Page - Renesas Technology Corp UPD72012 Datasheet HTML 20Page - Renesas Technology Corp UPD72012 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Data Sheet S13918EJ3V0DS
15
µPD72012
(2/2)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask ROM
code
product
8
MaxPower
1
Shows the maximum current the HUB consumes in
normal operation in hexadecimal notation using
units of 2 mA.
Since it provides 1 UnitLoad (= 100 mA) to each
port downstream, this is not included in MaxPower.
However, if a non-removable device is connected
downstream, this is included (for details inquire in
the USB-IF).
Switching the input level of the PSSEL pin changes
the value that is returned. In short, two-way setting
of the
µPD72012 is possible for “self-power” and
“bus power”.
Mask ROM code product
For a “bus power” setting (PSSEL=“H”), normally set
this to 0x32 (100 mA). However, when making a
subordinate port a non-removable port, add the
current consumed by the device connected to that
port when you set the MaxPower value. On the
other hand, For a “self-power” setting (PSSEL=“L”),
0x32 (100 mA) is fixed.
0x32
(PSSEL=“L”)
or
0x32
(PSSEL=“H”)
0x32
(PSSEL=“L”)
or
0x32
(PSSEL=“H”)
0x32
(PSSEL=“L”)
or
0x32
(PSSEL=“H”)
(recommen-
ded value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com