Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72012 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 10Page - Renesas Technology Corp UPD72012 Datasheet HTML 11Page - Renesas Technology Corp UPD72012 Datasheet HTML 12Page - Renesas Technology Corp UPD72012 Datasheet HTML 13Page - Renesas Technology Corp UPD72012 Datasheet HTML 14Page - Renesas Technology Corp UPD72012 Datasheet HTML 15Page - Renesas Technology Corp UPD72012 Datasheet HTML 16Page - Renesas Technology Corp UPD72012 Datasheet HTML 17Page - Renesas Technology Corp UPD72012 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
12
Data Sheet S13918EJ3V0DS
µPD72012
2. DESCRIPTORS
Caution
For a Mask ROM code product, we release the software to make a data for Mask ROM option.
Please contact to Local NEC to get the software if you would like to make Mask ROM code
product.
2.1 Standard Device Descriptor
(1/2)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
0
bLength
1
Shows the size in bytes of the standard device
descriptor.
0x12
0x12
0x12
1
bDescriptorType
1
Shows that this is a standard device descriptor.
0x01
0x01
0x01
2bcdUSB
2
Shows that the
µPD72012 compliant with USB
Specifications Revision 1.1.
0x0110
0x0110
0x0110
4
bDeviceClass
1
HUB class code defined by USB
(HUB_CLASSCODE=“0x09”).
0x09
0x09
0x09
5
bDeviceSubClass
1
HUB subclass code defined by USB. Not defined in
HUB class.
0x00
0x00
0x00
6
bDeviceProtocol
1
Protocol code defined by USB. Not defined in HUB
class.
0x00
0x00
0x00
7
bMaxPacketSize0
1
Shows the maximum packet size in bytes of
endpoint 0 of the
µPD72012.
0x08
0x08
0x08
8
idVendor
2
Shows the vendor ID code registered in USB
standards.
For a standard ROM code product (003, 004), this is
“0x0409” (NEC vendor ID).
When using in a Mask ROM code product, set a
vendor ID for each manufacturer registered in USB
standards.
0x0409
0x0409
0xXXXX
10
IdProduct
2
Shows the product ID code registered in USB
standards.
For a standard ROM code product (003, 004), this is
“0x55AB” (Generic_HUB).
In a Mask ROM code product, this value can be set
as you wish.
0x55AB
0x55AB
0xXXXX
12
bcdDevice
2
Shows the version number of the
µPD72012 using
decimal notation in XX.XX format.
For a standard ROM code product (003, 004), this is
“0x0200” (Ver. 2.0).
When using in a Mask ROM code product, manage
by varying the number for each ROM code.
0x0200
0x0200
0xXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com