Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD750004
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD750004 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD750004 Datasheet HTML 34Page - Renesas Technology Corp UPD750004 Datasheet HTML 35Page - Renesas Technology Corp UPD750004 Datasheet HTML 36Page - Renesas Technology Corp UPD750004 Datasheet HTML 37Page - Renesas Technology Corp UPD750004 Datasheet HTML 38Page - Renesas Technology Corp UPD750004 Datasheet HTML 39Page - Renesas Technology Corp UPD750004 Datasheet HTML 40Page - Renesas Technology Corp UPD750004 Datasheet HTML 41Page - Renesas Technology Corp UPD750004 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
36
Data Sheet U10738EJ3V2DS
9. RESET FUNCTION
The
µPD750008 is reset with the external reset signal (RESET) or the reset signal received from the basic interval
timer/watchdog timer. When either reset signal is input, the internal reset signal is generated. Fig. 9-1 shows the
configuration of the reset circuit.
Fig. 9-1
Configuration of Reset Functions
When the RESET signal is generated, all hardware is initialized as indicated in Table 9-1. Fig. 9-2 shows the reset
operation timing.
Fig. 9-2
Reset Operation by Generation of RESET Signal
Note Either of the following two values can be selected by a mask option:
217/fX (21.8 ms at 6.0 MHz, 31.3 ms at 4.19 MHz)
215/fX (5.46 ms at 6.0 MHz, 7.81 ms at 4.19 MHz)
WDTM
RESET
Internal reset signal
Reset signal from basic
interval timer/watchdog timer
Internal bus
RESET signal is generated
Operating mode or
standby mode
HALT mode
Operating mode
Internal reset operation
Wait
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com