Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD750004
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD750004 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD750004 Datasheet HTML 35Page - Renesas Technology Corp UPD750004 Datasheet HTML 36Page - Renesas Technology Corp UPD750004 Datasheet HTML 37Page - Renesas Technology Corp UPD750004 Datasheet HTML 38Page - Renesas Technology Corp UPD750004 Datasheet HTML 39Page - Renesas Technology Corp UPD750004 Datasheet HTML 40Page - Renesas Technology Corp UPD750004 Datasheet HTML 41Page - Renesas Technology Corp UPD750004 Datasheet HTML 42Page - Renesas Technology Corp UPD750004 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
37
Data Sheet U10738EJ3V2DS
Table 9-1
Status of the Hardware after a Reset (1/2)
Program counter (PC)
PSW
Stack pointer (SP)
Stack bank selection register (SBS)
Data memory (RAM)
General-purpose registers (X, A, H, L, D, E, B, C)
Bank selection register (MBS, RBS)
Timer/event
counter
Timer counter
Clock timer
Serial interface
4 low-order bits at address 0000H
in program memory are set in PC
bits 11 to 8, and the data at address
0001H are set in PC bits 7 to 0.
5 low-order bits at address 0000H
in program memory are set in PC
bits 12 to 8, and the data at address
0001H are set in PC bits 7 to 0.
Held
0
0
Bit 6 at address 0000H in
program memory is set in RBE,
and bit 7 is set in MBE.
Undefined
1000B
Held
Held
0, 0
Undefined
0
0
0
FFH
0
0, 0
0
FFH
0
0, 0
0
Held
0
0
Held
4 low-order bits at address 0000H
in program memory are set in PC
bits 11 to 8, and the data at address
0001H are set in PC bits 7 to 0.
5 low-order bits at address 0000H
in program memory are set in PC
bits 12 to 8, and the data at address
0001H are set in PC bits 7 to 0.
Undefined
0
0
Bit 6 at address 0000H in program
memory is set in RBE, and bit 7 is
set in MBE.
Undefined
1000B
Undefined
Undefined
0, 0
Undefined
0
0
0
FFH
0
0, 0
0
FFH
0
0, 0
0
Undefined
0
0
Undefined
Generation of a RESET signal
during operation
Generation of a RESET signal in
a standby mode
Hardware
Carry flag (CY)
Skip flags (SK0 to SK2)
Interrupt status flags (IST0, IST1)
Bank enable flags (MBE, RBE)
µPD750004
µPD750006, 750008
Counter (BT)
Mode register (BTM)
Watchdog timer enable flag
(WDTM)
Counter (T0)
Modulo register (TMOD0)
Mode register (TM0)
TOE0, TOUT flip-flop
Counter (T1)
Modulo register (TMOD1)
Mode register (TM1)
TOE1, TOUT flip-flop
Mode register (WM)
Shift register (SIO)
Operation mode register (CSIM)
SBI control register (SBIC)
Slave address register (SVA)
Basic interval
timer/ watchdog
timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com