Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD750004
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD750004 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD750004 Datasheet HTML 24Page - Renesas Technology Corp UPD750004 Datasheet HTML 25Page - Renesas Technology Corp UPD750004 Datasheet HTML 26Page - Renesas Technology Corp UPD750004 Datasheet HTML 27Page - Renesas Technology Corp UPD750004 Datasheet HTML 28Page - Renesas Technology Corp UPD750004 Datasheet HTML 29Page - Renesas Technology Corp UPD750004 Datasheet HTML 30Page - Renesas Technology Corp UPD750004 Datasheet HTML 31Page - Renesas Technology Corp UPD750004 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
26
Data Sheet U10738EJ3V2DS
6.6
CLOCK TIMER
The
µPD750008 contains one channel for a clock timer. The clock timer provides the following functions:
• Sets the test flag (IRQW) with a 0.5 sec interval. The standby mode can be released by IRQW.
• The 0.5 second interval can be generated from either the main system clock (4.194304 MHz) or subsystem clock
(32.768 kHz).
• The time interval can be made 128 times faster (3.91 ms) by selecting the fast mode. This is convenient for
program debugging, testing, etc.
• Any of the frequencies 2.048 kHz, 4.096 kHz, and 32.768 kHz can be output to the P23/BUZ pin. This can be
used for beep and system clock frequency trimming.
• The frequency divider circuit can be cleared so that a zero-second start of the clock can be made.
Fig. 6-5
Clock Timer Block Diagram
( ) is for fX = 4.194304 MHz, fXT = 32.768 kHz.
P23/BUZ
Internal bus
8
Selector
From the
clock
generator
fX
128
(32.768 kHz)
fXT
(32.768 kHz)
Selector
Frequency divider
Selector
INTW
IRQW
set signal
2 Hz
0.5 sec
WM7
0
WM5
WM4
WM3
WM2
WM1
WM0
P23 output
latch
Bit 2 of PMGB
PORT2.3
Output buffer
Clear
fW
(32.768 kHz)
Bit test instruction
Port 2 input/
output mode
WM
(4 kHz) (2 kHz)
fw
2
7
(256 Hz: 3.91 ms)
fw
2
14
fw
2
3
fw
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com